Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS657051YZHR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS657051YZHR
Description  PMU for Embedded Camera Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS657051YZHR Datasheet(HTML) 4 Page - Texas Instruments

  TPS657051YZHR Datasheet HTML 1Page - Texas Instruments TPS657051YZHR Datasheet HTML 2Page - Texas Instruments TPS657051YZHR Datasheet HTML 3Page - Texas Instruments TPS657051YZHR Datasheet HTML 4Page - Texas Instruments TPS657051YZHR Datasheet HTML 5Page - Texas Instruments TPS657051YZHR Datasheet HTML 6Page - Texas Instruments TPS657051YZHR Datasheet HTML 7Page - Texas Instruments TPS657051YZHR Datasheet HTML 8Page - Texas Instruments TPS657051YZHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPS657052
TPS657051
SLVSA08 – FEBRUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted: VIN1=VIN2=VINLDO=3.6 V, L=LQMP21P 2.2µH, COUTDCDCx = 10µF, COUTLDO =2.2µF, TA = –40°C to
+85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SWITCH
High side MOSFET on-resistance
VIN1 = VIN2 = 3.6 V
350
750
m
Ω
RDS(ON)
Low side MOSFET on-resistance
VIN1 = VIN2 = 3.6 V
350
600
m
Ω
ILIMF
Forward current limit
3.3V
≤ VIN1 = VIN2 ≤ 6.0 V
550
650
770
mA
IOUTDCDC1/2
DCDC1/DCDC2 output current
VIN1 = VIN2 > 3.3 V , L = 2.2 µH
400
mA
OSCILLATOR
fSW
Oscillator frequency
2.03
2.25
2.48
MHz
OUTPUT
VOUT1
DCDC1 default output voltage
VIN1 = VIN2 ≥ 3.3 V
3.3
V
VOUT2
DCDC2 default output voltage
VIN1 = VIN2 ≥ 3.3 V
1.8
V
IFB
FB pin input current
DCDC converter disabled
0.1
µA
VIN1 = VIN2 = 3.3 V to 6.0 V, +1% voltage
DC output voltage accuracy(1)
positioning active; PFM operation, 0 mA < IOUT
+1%
+3%
< IOUTMAX
VOUT
VIN1 = VIN2 = 3.3 V to 6.0 V, PWM operation,
DC output voltage accuracy
–1.5%
+1.5%
0 mA < IOUT < IOUTMAX
DC output voltage load regulation
PWM operation
0.5
%/A
tStart
Start-up time
Time from active EN to Start switching
200
µs
tRamp
VOUT ramp time
Time to ramp from 5% to 95% of VOUT
250
µs
Internal discharge resistor at L1 or
RDIS
L2
DCDC1 or DCDC2 disabled
250
400
600
Ω
(TPS657051 Only)
THERMAL PROTECTION SEPARATELY FOR DCDC1, DCDC2 AND LDO1
TSD
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shudown hysteresis
Decreasing junction temperature
30
°C
VLDO, LOW DROPOUT REGULATOR
VINLDO
Input voltage range for LDO
1.7
6.0
V
VLDO
TPS657051 LDO default output
3.0
V
voltage(2)
VLDO
TPS657052 LDO default output
2.8
V
voltage(3)
IO
Output current for LDO
200
mA
ISC
LDO short circuit current limit
VLDO = GND
340
400
550
mA
Dropout voltage at LDO
IO = 200 mA
200
mV
Output voltage accuracy for LDO
IO = 100 mA, VOUT = 2.8V
–2%
+2%
VINLDO = VLDO + 0.5V (min. 1.7 V) to 6 V,
Line regulation for LDO
–1%
1%
IO = 50 mA
Load regulation for LDO
IO = 1 mA to 200 mA for LDO
–1%
1%
fNOISE ≤ 10 kHz, COUT ≥ 2.2 µf Vin = 5.0 V,
PSRR
Power supply rejection ratio
50
dB
Vout = 2.8 V, IOUT = 100 mA
Vn
Ouput noise voltage
Vout = 2.8 V, BW = 10Hz to 100kHz
160
µV RMS
Internal soft-start when LDO is enabled; Time to
tRamp
VOUT ramp time
200
µs
ramp from 5% to 95% of VOUT
RDIS
Internal discharge resistor at VLDO
LDO disabled
250
400
550
Ω
(1)
In Power Save Mode (PFM), the internal reference voltage is 1.01 × Vref.
(2)
VINLDO > 3.0V
(3)
VINLDO > 2.8V
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS657052 TPS657051


Similar Part No. - TPS657051YZHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS657051YZHR TI-TPS657051YZHR Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
More results

Similar Description - TPS657051YZHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65708 TI1-TPS65708 Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051 TI-TPS657051 Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051 TI1-TPS657051_15 Datasheet
3Mb / 26P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657095 TI1-TPS657095 Datasheet
820Kb / 41P
[Old version datasheet]   PMU for Embedded Camera Module
TPS65708 TI1-TPS65708_15 Datasheet
2Mb / 26P
[Old version datasheet]   PMU for Embedded Camera Module
logo
ALPS ELECTRIC CO.,LTD.
SCKA ALPS-SCKA Datasheet
112Kb / 3P
   Connector for CMOS Camera Module
logo
Sharp Corporation
YH-7C12 SHARP-YH-7C12 Datasheet
306Kb / 14P
   SPECIFICATION FOR CCD CAMERA MODULE
logo
Mitsumi Electronics, Co...
CMV-61CX MITSUMI-CMV-61CX Datasheet
46Kb / 2P
   Camera module
logo
Rohm
BD6039GU ROHM-BD6039GU Datasheet
619Kb / 25P
   Power Supply for CCD Camera Module
BD6029GU ROHM-BD6029GU_10 Datasheet
515Kb / 20P
   Power Supply for CCD Camera Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com