Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS3222ECDW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3222ECDW
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3222ECDW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRS3222ECDW Datasheet HTML 2Page - Texas Instruments TRS3222ECDW Datasheet HTML 3Page - Texas Instruments TRS3222ECDW Datasheet HTML 4Page - Texas Instruments TRS3222ECDW Datasheet HTML 5Page - Texas Instruments TRS3222ECDW Datasheet HTML 6Page - Texas Instruments TRS3222ECDW Datasheet HTML 7Page - Texas Instruments TRS3222ECDW Datasheet HTML 8Page - Texas Instruments TRS3222ECDW Datasheet HTML 9Page - Texas Instruments TRS3222ECDW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
RECEIVER SECTION
Switching Characteristics
(1)
TRS3222E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS793 – JUNE 2007
abc
Electrical Characteristics
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA
VCC – 0.6
VCC – 0.1
V
VOL
Low-level output voltage
IOL = 1.6 mA
0.4
V
VCC = 3.3 V
1.5
2.4
VIT+
Positive-going input threshold voltage
V
VCC = 5 V
1.8
2.4
VCC = 3.3 V
0.6
1.2
VIT–
Negative-going input threshold voltage
V
VCC = 5 V
0.8
1.5
Vhys
Input hysteresis (VIT+ – VIT–)
0.3
V
IOZ
Output leakage current
EN = 1
±0.05
±10
μA
rI
Input resistance
VI = ±3 V to ±25 V
3
5
7
k
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP(2)
UNIT
tPLH
Propagation delay time, low- to high-level output
CL = 150 pF, See Figure 3
300
ns
tPHL
Propagation delay time, high- to low-level output
CL = 150 pF, See Figure 3
300
ns
ten
Output enable time
CL = 150 pF, RL = 3 kΩ, See Figure 4
200
ns
tdis
Output disable time
CL = 150 pF, RL = 3 kΩ, See Figure 4
200
ns
tsk(p)
Pulse skew(3)
See Figure 3
300
ns
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
6
Submit Documentation Feedback


Similar Part No. - TRS3222ECDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222CDB TI-TRS3222CDB Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222CDB TI-TRS3222CDB Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222CDBG4 TI-TRS3222CDBG4 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS3222ECDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
[Old version datasheet]   3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3232 TI-TRS3232_1 Datasheet
611Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRSF3222E TI1-TRSF3222E Datasheet
652Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223 Datasheet
417Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223_08 Datasheet
448Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222_10 Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com