Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS3222ECDW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3222ECDW
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3222ECDW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRS3222ECDW Datasheet HTML 5Page - Texas Instruments TRS3222ECDW Datasheet HTML 6Page - Texas Instruments TRS3222ECDW Datasheet HTML 7Page - Texas Instruments TRS3222ECDW Datasheet HTML 8Page - Texas Instruments TRS3222ECDW Datasheet HTML 9Page - Texas Instruments TRS3222ECDW Datasheet HTML 10Page - Texas Instruments TRS3222ECDW Datasheet HTML 11Page - Texas Instruments TRS3222ECDW Datasheet HTML 12Page - Texas Instruments TRS3222ECDW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.ti.com
APPLICATION INFORMATION
15
14
8
1
2
3
4
7
DIN1
PWRDOWN
NC
13
DOUT1
20
17
16
19
18
ROUT1
5
6
+
C3
VCC
C2+
C1
C2
C1+
GND
V−
C1−
RIN1
C2−
+
CBYPASS
= 0.1
µF
V+
+
+
DOUT2
VCC
C1
C2, C3, and C4
3.3 V " 0.3 V
5 V " 0.5 V
3 V to 5.5 V
0.1
µF
0.047
µF
0.1
µF
0.47
µF
0.33
µF
0.1
µF
VCC vs CAPACITOR VALUES
EN
C4
+
9
10
Powerdown
12
11
DIN2
NC
RIN2
ROUT2
C3 can be connected to VCC or GND.
NOTES: A. Resistor values shown are nominal.
B. NC − No internal connection
C. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should be
connected as shown.
5 kW
5 kW
TRS3222E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS793 – JUNE 2007
Figure 5. Typical Operating Circuit and Capacitor Values
9
Submit Documentation Feedback


Similar Part No. - TRS3222ECDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222CDB TI-TRS3222CDB Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222CDB TI-TRS3222CDB Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222CDBG4 TI-TRS3222CDBG4 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS3222ECDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
[Old version datasheet]   3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3232 TI-TRS3232_1 Datasheet
611Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRSF3222E TI1-TRSF3222E Datasheet
652Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223 Datasheet
417Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223_08 Datasheet
448Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222_10 Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com