Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS3223ECDB Datasheet(PDF) 3 Page - Texas Instruments

Part # TRS3223ECDB
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3223ECDB Datasheet(HTML) 3 Page - Texas Instruments

  TRS3223ECDB Datasheet HTML 1Page - Texas Instruments TRS3223ECDB Datasheet HTML 2Page - Texas Instruments TRS3223ECDB Datasheet HTML 3Page - Texas Instruments TRS3223ECDB Datasheet HTML 4Page - Texas Instruments TRS3223ECDB Datasheet HTML 5Page - Texas Instruments TRS3223ECDB Datasheet HTML 6Page - Texas Instruments TRS3223ECDB Datasheet HTML 7Page - Texas Instruments TRS3223ECDB Datasheet HTML 8Page - Texas Instruments TRS3223ECDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
DIN2
DOUT2
12
8
Powerdown
RIN1
16
20
15
FORCEOFF
ROUT1
DIN1
DOUT1
13
17
RIN2
9
10
ROUT2
1
EN
14
FORCEON
11
INVALID
Absolute Maximum Ratings
(1)
TRS3223E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS794 – JUNE 2007
LOGIC DIAGRAM (POSITIVE LOGIC)
Pin numbers are for the DB, DW, and PW packages.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.3
6
V
V+
Positive-output supply voltage range(2)
–0.3
7
V
V–
Negative-output supply voltage range(2)
0.3
–7
V
V+ – V–
Supply voltage difference(2)
13
V
Driver (FORCEOFF, FORCEON, EN)
–0.3
6
VI
Input voltage range
V
Receiver
–25
25
Driver
–13.2
13.2
VO
Output voltage range
V
Receiver (INVALID)
–0.3
VCC + 0.3
DB package
70
DW package
58
θJA
Package thermal impedance(3)(4)
°C/W
PW package
83
RHL package
PREVIEW
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network GND.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
3
Submit Documentation Feedback


Similar Part No. - TRS3223ECDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3223 TI-TRS3223 Datasheet
417Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223 Datasheet
448Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
[Old version datasheet]   3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223CDB TI-TRS3223CDB Datasheet
417Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223CDB TI-TRS3223CDB Datasheet
448Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS3223ECDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
[Old version datasheet]   3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3232 TI-TRS3232_1 Datasheet
611Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRSF3222E TI1-TRSF3222E Datasheet
652Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223 Datasheet
417Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223_08 Datasheet
448Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222_10 Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com