Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61202DSCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61202DSCR
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61202DSCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61202DSCR Datasheet HTML 5Page - Texas Instruments TPS61202DSCR Datasheet HTML 6Page - Texas Instruments TPS61202DSCR Datasheet HTML 7Page - Texas Instruments TPS61202DSCR Datasheet HTML 8Page - Texas Instruments TPS61202DSCR Datasheet HTML 9Page - Texas Instruments TPS61202DSCR Datasheet HTML 10Page - Texas Instruments TPS61202DSCR Datasheet HTML 11Page - Texas Instruments TPS61202DSCR Datasheet HTML 12Page - Texas Instruments TPS61202DSCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
V -InputVoltage-V
I
I
=10mA
O
0
10
20
30
40
50
60
70
80
90
100
TPS61202
V
=5V,
PowerSaveDisabled
O
0 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5 5.5
I
=500mA
O
I
=100mA
O
I
=1000mA
O
3.27
3.30
3.33
1
10
100
1000
I
-OutputCurrent-mA
O
V =2.4V
I
TPS61201
V
=3.3V,
PowerSaveDisabled
O
t-Time-0.5 s/div
m
TPS61201
V
=3.3V,
PowerSaveDisabled
O
V =1.8V,R =11
I
L
W
4.95
5
5.05
1
10
100
100
I
-OutputCurrent-mA
O
V =2.4V
I
TPS61202
V
=5V,
PowerSaveDisabled
O
TPS61200
TPS61201
TPS61202
SLVS577B – MARCH 2007 – REVISED FEBRUARY 2008
EFFICIENCY
OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 11.
Figure 12.
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
OUTPUT VOLTAGE, POWER SAVE MODE DISABLED
Figure 13.
Figure 14.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS61200 TPS61201 TPS61202


Similar Part No. - TPS61202DSCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61202DSCR TI-TPS61202DSCR Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DSCR TI-TPS61202DSCR Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DSCRG4 TI-TPS61202DSCRG4 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DSCRG4 TI-TPS61202DSCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results

Similar Description - TPS61202DSCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS6120x Low Input Voltage Synchronous Boost Converter With 1.3-A Switches
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
   0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com