Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS202ECPWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRS202ECPWG4
Description  5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS202ECPWG4 Datasheet(HTML) 1 Page - Texas Instruments

  TRS202ECPWG4 Datasheet HTML 1Page - Texas Instruments TRS202ECPWG4 Datasheet HTML 2Page - Texas Instruments TRS202ECPWG4 Datasheet HTML 3Page - Texas Instruments TRS202ECPWG4 Datasheet HTML 4Page - Texas Instruments TRS202ECPWG4 Datasheet HTML 5Page - Texas Instruments TRS202ECPWG4 Datasheet HTML 6Page - Texas Instruments TRS202ECPWG4 Datasheet HTML 7Page - Texas Instruments TRS202ECPWG4 Datasheet HTML 8Page - Texas Instruments TRS202ECPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
D,DW,N,ORPWPACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
V+
C1-
C2+
C2-
V-
DOUT2
RIN2
V
CC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
TRS202E
www.ti.com
SLLS847C – JULY 2007 – REVISED MAY 2010
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION
Check for Samples: TRS202E
1
FEATURES
IEC61000-4-2 (Level 4) ESD Protection for
APPLICATIONS
RS-232 Bus Pins
Battery-Powered Systems
±8-kV Contact Discharge
PDAs
Notebooks
±15-k-V Air-Gap Discharge
Laptops
±15-kV Human-Body Model
Palmtop PCs
Meets or Exceeds the Requirements of
Hand-Held Equipment
TIA/EIA-232-F and ITU v.28 Standards
Operates at 5-V VCC Supply
Operates Up To 120 kbit/s
External Capacitors . . . 4 × 0.1 mF or 4 × 1 mF
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
DESCRIPTION/ORDERING INFORMATION
The TRS202E device consists of two line drivers, two line receivers, and a dual charge-pump circuit. TRS202E
has IEC61000-4-2 (Level 4) ESD protection pin-to-pin (serial-port connection pins, including GND). The device
meets the requirements of TIA/EIA-232-F and provides the electrical interface between an asynchronous
communication controller and the serial-port connector. The charge pump and four small external capacitors
allow operation from a single 5-V supply. The device operates at data signaling rates up to 120 kbit/s and a
maximum of 30-V/ms driver output slew rate.
The TRS202E can work with both 0.1-mF or 1-mF external capacitors.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRS202ECPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS202ECPWG4 TI-TRS202ECPWG4 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS202ECPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS222 TI-TRS222 Datasheet
382Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com