Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24075RGTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24075RGTR
Description  1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24075RGTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24075RGTR Datasheet HTML 7Page - Texas Instruments BQ24075RGTR Datasheet HTML 8Page - Texas Instruments BQ24075RGTR Datasheet HTML 9Page - Texas Instruments BQ24075RGTR Datasheet HTML 10Page - Texas Instruments BQ24075RGTR Datasheet HTML 11Page - Texas Instruments BQ24075RGTR Datasheet HTML 12Page - Texas Instruments BQ24075RGTR Datasheet HTML 13Page - Texas Instruments BQ24075RGTR Datasheet HTML 14Page - Texas Instruments BQ24075RGTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
5.25
5.30
5.35
5.40
5.45
5.50
5.55
5.60
5.65
5.70
5.75
0
25
50
75
100
125
T -JunctionTemperature-°C
J
V
=6V,
I =1 A
IN
L
4.30
4.33
4.35
4.38
4.40
4.43
4.45
0
25
50
75
100
125
T -JunctionTemperature-°C
J
V
=5V,
I =1 A
IN
L
4.180
4.185
4.190
4.195
4.200
4.205
4.210
0
5
10
15
20
25
30
T -JunctionTemperature-°C
J
0
100
200
300
400
500
600
700
800
5
6
7
8
9
10
V -InputVoltage-V
I
RILIM
USB500
USB100
10.20
10.25
10.30
10.35
10.40
10.45
10.50
10.55
10.60
10.65
10.70
0
25
50
75
100
125
T -JunctionTemperature-°C
J
V Rising
I
V Falling
I
10.5V
6.45
6.50
6.55
6.60
6.65
6.70
0
25
50
75
100
125
T -JunctionTemperature-°C
J
6.6V
V Rising
I
V Falling
I
bq24072, bq24073
bq24074, bq24075, bq24079
www.ti.com
SLUS810E – SEPTEMBER 2008 – REVISED JULY 2010
TYPICAL CHARACTERISTICS (continued)
VIN = 6V, EN1=1, EN2=0, bq24073 application circuit, TA = 25°C, unless otherwise noted.
bq24073/ 74
bq24075, bq24079
OUTPUT REGULATION VOLTAGE
OUTPUT REGULATION VOLTAGE
BAT REGULATION VOLTAGE
vs
vs
vs
TEMPERATURE
TEMPERATURE
TEMPERATURE
Figure 16.
Figure 17.
Figure 18.
bq24072/ 73/ 75/ 79
bq24074
bq24074
OVERVOLTAGE PROTECTION
OVERVOLTAGE PROTECTION
THRESHOLD
THRESHOLD
INPUT CURRENT LIMIT
vs
vs
vs
TEMPERATURE
TEMPERATURE
INPUT VOLTAGE
Figure 19.
Figure 20.
Figure 21.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24072 bq24073 bq24074 bq24075, bq24079


Similar Part No. - BQ24075RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24075RGTR TI-BQ24075RGTR Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075RGTR TI-BQ24075RGTR Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
bq24075RGTR TI-bq24075RGTR Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075RGTRG4 TI-BQ24075RGTRG4 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075RGTRG4 TI-BQ24075RGTRG4 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
More results

Similar Description - BQ24075RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com