Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22960RSER Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22960RSER
Description  LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22960RSER Datasheet(HTML) 4 Page - Texas Instruments

  TPS22960RSER Datasheet HTML 1Page - Texas Instruments TPS22960RSER Datasheet HTML 2Page - Texas Instruments TPS22960RSER Datasheet HTML 3Page - Texas Instruments TPS22960RSER Datasheet HTML 4Page - Texas Instruments TPS22960RSER Datasheet HTML 5Page - Texas Instruments TPS22960RSER Datasheet HTML 6Page - Texas Instruments TPS22960RSER Datasheet HTML 7Page - Texas Instruments TPS22960RSER Datasheet HTML 8Page - Texas Instruments TPS22960RSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS22960
SLVS914 – APRIL 2009 ..................................................................................................................................................................................................... www.ti.com
MIN
MAX
UNIT
VIN
Input voltage range
–0.3
6
V
VOUT
Output voltage range
VIN + 0.3
V
VON
Input voltage range
–0.3
6
V
IMAX
Maximum continuous switch current
0.5
A
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
Tlead
Maximum lead temperature (10-s soldering time)
300
°C
Human-Body Model (HBM)
2000
ESD
Electrostatic discharge protection
V
Charged-Device Model (CDM)
1000
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DERATING
BOARD
PACKAGE
R
θJC
R
θJA
FACTOR ABOVE
TA < 25°C
TA = 70°C
TA = 85°C
TA = 25°C
High-K(1)
DCN
123°C/W
220°C/W
-4.545 mW/°C
454.5 mW
250 mW
181.1 mW
High-K(1)
RSE
183°C/W
253°C/W
-3.952 mW/°C
395.2 mW
217.3 mW
158.1 mW
(1)
The JEDEC High-K (2s2p) board used to derive this data was a 3 × 3 inch, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on top and bottom of the board
MIN
MAX
UNIT
VIN
Input voltage range
1.62
5.5
V
VOUT
Output voltage range
VIN
V
VINx = 3.0 V to 5.5 V
1.5
5.5
VIH
High-level input voltage: ON1, ON2, SR
V
VINx = 1.62 V to 3.0 V
1.4
5.5
VINx = 3.0 V to 5.5 V
0.5
VIL
Low-level input voltage: ON1, ON2, SR
V
VINx = 1.62 V to 3.0 V
0.4
CIN
Input capacitor
1(1)
µF
(1)
See Application Information
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS22960


Similar Part No. - TPS22960RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22960RSER TI-TPS22960RSER Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960RSER TI-TPS22960RSER Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960RSER TI1-TPS22960RSER Datasheet
1Mb / 28P
[Old version datasheet]   Low-Input Voltage, Dual-Load Switch
More results

Similar Description - TPS22960RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22960 TI-TPS22960_1 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
   Dual-Low On-Resistance Load Switch with Controlled Turn-On
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8910 A-POWER-APE8910_16 Datasheet
1Mb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APS8922A A-POWER-APS8922A Datasheet
965Kb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8988 A-POWER-APE8988_16 Datasheet
758Kb / 10P
   1.5A LOAD SWITCH WITH CONTROLLED TURN ON
APE8988 A-POWER-APE8988_14 Datasheet
764Kb / 10P
   1.5A LOAD SWITCH WITH CONTROLLED TURN ON
APE8988B A-POWER-APE8988B Datasheet
672Kb / 9P
   3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com