Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4522IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4522IPW
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4522IPW Datasheet(HTML) 1 Page - Texas Instruments

  THS4522IPW Datasheet HTML 1Page - Texas Instruments THS4522IPW Datasheet HTML 2Page - Texas Instruments THS4522IPW Datasheet HTML 3Page - Texas Instruments THS4522IPW Datasheet HTML 4Page - Texas Instruments THS4522IPW Datasheet HTML 5Page - Texas Instruments THS4522IPW Datasheet HTML 6Page - Texas Instruments THS4522IPW Datasheet HTML 7Page - Texas Instruments THS4522IPW Datasheet HTML 8Page - Texas Instruments THS4522IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
THS4522
THS4521
THS4524
THS4521
ADS1278 (CH1)
49.9 W
1kW
49.9 W
V
OCM
V
IN+
V
IN-
5V
V
COM
1kW
1kW
2.2nF
AINN1
AINP1
0.1 F
m
0.1 F
m
x1
1/2
OPA2350
1.5nF
1.5nF
1kW
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
4
8
12
16
20
24 26
Frequency(kHz)
1-kHzFFT
G=1
R =R =1k
C =1.5nF
V =5V
Load=2x49.9
+2.2nF
F
G
F
S
W
W
THS4521andADS1278CombinedPerformance
Tone
(Hz)
1k
Signal
(dBFS)
0.50
-
SNR(dBc)
109.1
THD(dBc)
107.9
-
SINAD
(dBc)
105.5
SFDR
(dBc)
113.7
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,
FULLY DIFFERENTIAL AMPLIFIER
Check for Samples: THS4521, THS4522, THS4524
1
FEATURES
APPLICATIONS
Low-Power SAR and
ΔΣ ADC Drivers
23
Fully Differential Architecture
Low-Power Differential Driver
Bandwidth: 145 MHz
Low-Power Differential Signal Conditioning
Slew Rate: 490 V/ms
Low-Power, High-Performance Differential
HD2: –133 dBc at 10 kHz (1 VRMS, RL = 1 kΩ)
Audio Amplifier
HD3: –140 dBc at 10 kHz (1 VRMS, RL = 1 kΩ)
Input Voltage Noise: 4.6 nV/
√Hz (f = 100 kHz)
DESCRIPTION
THD+N: –112dBc (0.00025%) at 1 kHz (22-kHz
The THS4521, THS4522, and THS4524 family of
BW, G = 1, 5 VPP)
devices are very low-power, fully differential op amps
Open-Loop Gain: 119 dB
with rail-to-rail output and an input common-mode
range that includes the negative rail. These amplifiers
NRI—Negative Rail Input
are designed for low-power data acquisition systems
RRO—Rail-to-Rail Output
and
high-density
applications
where
power
Output Common-Mode Control (with Low
dissipation is a critical parameter, and provide
Offset and Drift)
exceptional performance in audio applications.
Power Supply:
The
family
includes
single
(THS4521),
dual
(THS4522), and quad (THS4524) versions.
Voltage: +2.5 V (±1.25 V) to +5.5 V (±2.75 V)
Current: 1.14 mA/ch
These fully differential op amps feature accurate
output
common-mode
control
that
allows
for
Power-Down Capability: 20 mA (typ)
dc-coupling when driving analog-to-digital converters
(ADCs).
This
control,
coupled
with
an
input
common-mode range below the negative rail as well
as rail-to-rail output, allows for easy interfacing
between
single-ended,
ground-referenced
signal
sources. Additionally, these devices are ideally suited
for driving both successive-approximation register
(SAR) and delta-sigma (
ΔΣ) ADCs using only a single
+2.5V to +5V and ground power supply.
The THS4521, THS4522, and THS4524 family of fully
differential op amps is characterized for operation
over the full industrial temperature range from –40°C
to +85°C.
RELATED
PRODUCTS
THD
(dBc)
BW
at 100
VN
RAIL-
DEVICE
(MHz)
IQ (mA)
kHz
(nV/
√Hz)
TO-RAIL
THS4520
570
15.3
–114
2
Out
THS4121
100
16
–79
5.4
In/Out
THS4130
150
16
–107
1.3
No
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2S is a trademark of NXP Semiconductor.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4522IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4522IPW TI-THS4522IPW Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4522IPW TI-THS4522IPW Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4522IPW TI1-THS4522IPW Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4522IPWR TI-THS4522IPWR Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4522IPWR TI-THS4522IPWR Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4522IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521-HT TI1-THS4521-HT Datasheet
758Kb / 28P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524-EP TI1-THS4524-EP Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4524-EP NSC-THS4524-EP Datasheet
1Mb / 48P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4521-HT TI-THS4521-HT_15 Datasheet
653Kb / 27P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4521-HT NSC-THS4521-HT Datasheet
758Kb / 28P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4524-EP TI1-THS4524-EP_17 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4541 TI1-THS4541_16 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com