Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4524IDBT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4524IDBT
Description  VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4524IDBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4524IDBT Datasheet HTML 7Page - Texas Instruments THS4524IDBT Datasheet HTML 8Page - Texas Instruments THS4524IDBT Datasheet HTML 9Page - Texas Instruments THS4524IDBT Datasheet HTML 10Page - Texas Instruments THS4524IDBT Datasheet HTML 11Page - Texas Instruments THS4524IDBT Datasheet HTML 12Page - Texas Instruments THS4524IDBT Datasheet HTML 13Page - Texas Instruments THS4524IDBT Datasheet HTML 14Page - Texas Instruments THS4524IDBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
Table of Graphs: VS+ – VS– = 5 V
TITLE
FIGURE
Small-Signal Frequency Response
Figure 27
Large-Signal Frequency Response
Figure 28
Large- and Small-Signal Pulse Response
Figure 29
Slew Rate vs VOUT Step
Figure 30
Overdrive Recovery
Figure 31
10-kHz Output Spectrum on AP Analyzer
Figure 32
Harmonic Distortion vs Frequency
Figure 33
Harmonic Distortion vs Output Voltage at 1 MHz
Figure 34
Harmonic Distortion vs Gain at 1 MHz
Figure 35
Harmonic Distortion vs Load at 1 MHz
Figure 36
Harmonic Distortion vs VOCM at 1 MHz
Figure 37
Two-Tone, Second- and Third-Order Intermodulation Distortion vs Frequency
Figure 38
Single-Ended Output Voltage Swing vs Load Resistance
Figure 39
Main Amplifier Differential Output Impedance vs Frequency
Figure 40
Frequency Response vs CLOAD (RLOAD = 1 kΩ)
Figure 41
RO vs CLOAD (RLOAD = 1 kΩ)
Figure 42
Rejection Ratio vs Frequency
Figure 43
THS4522, THS4524 Crosstalk (Measured Differentially)
Figure 44
Turn-on Time
Figure 45
Turn-off Time
Figure 46
Input-Referred Voltage Noise and Current Noise Spectral Density
Figure 47
Main Amplifier Differential Open-Loop Gain and Phase
Figure 48
Output Balance Error vs Frequency
Figure 49
VOCM Small-Signal Frequency Response
Figure 50
VOCM Large-Signal Frequency Response
Figure 51
VOCM Input Impedance vs Frequency
Figure 52
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4521 THS4522 THS4524


Similar Part No. - THS4524IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4524IDBT TI-THS4524IDBT Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524IDBT TI-THS4524IDBT Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524IDBT TI1-THS4524IDBT Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4524IDBTR TI-THS4524IDBTR Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524IDBTR TI-THS4524IDBTR Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4524IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521-HT TI1-THS4521-HT Datasheet
758Kb / 28P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524-EP TI1-THS4524-EP Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4524-EP NSC-THS4524-EP Datasheet
1Mb / 48P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4521-HT TI-THS4521-HT_15 Datasheet
653Kb / 27P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4521-HT NSC-THS4521-HT Datasheet
758Kb / 28P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4524-EP TI1-THS4524-EP_17 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4541 TI1-THS4541_16 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com