Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62615YFD Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS62615YFD
Description  350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62615YFD Datasheet(HTML) 3 Page - Texas Instruments

  TPS62615YFD Datasheet HTML 1Page - Texas Instruments TPS62615YFD Datasheet HTML 2Page - Texas Instruments TPS62615YFD Datasheet HTML 3Page - Texas Instruments TPS62615YFD Datasheet HTML 4Page - Texas Instruments TPS62615YFD Datasheet HTML 5Page - Texas Instruments TPS62615YFD Datasheet HTML 6Page - Texas Instruments TPS62615YFD Datasheet HTML 7Page - Texas Instruments TPS62615YFD Datasheet HTML 8Page - Texas Instruments TPS62615YFD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TPS62619, TPS62612
TPS62615, TPS62616
www.ti.com
SLVS936A – NOVEMBER 2009 – REVISED MARCH 2010
ELECTRICAL CHARACTERISTICS
Minimum and maximum values are at VI = 2.3V to 5.5V, VO = 1.8V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are at VI = 3.6V, VO = 1.8V, EN =
1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
2.3
5.5
V
IO = 0mA. Device not switching
31
55
mA
IQ
Operating quiescent current
IO = 0mA, PWM mode
6.6
mA
I(SD)
Shutdown current
EN = GND
0.2
1
mA
UVLO
Undervoltage lockout threshold
2.05
2.1
V
ENABLE, MODE
VIH
High-level input voltage
1.0
V
VIL
Low-level input voltage
0.4
V
Ilkg
Input leakage current
Input connected to GND or VIN
0.01
1
mA
POWER SWITCH
TPS62612
VI = V(GS) = 3.6V. PWM mode
480
m
TPS62615
TPS62617
VI = V(GS) = 2.5V. PWM mode
640
m
P-channel MOSFET
TPS62619
rDS(on)
on resistance
VI = V(GS) = 3.6V. PWM mode
270
m
TPS62616
VI = V(GS) = 2.5V. PWM mode
350
m
Ilkg
P-channel leakage current, PMOS
V(DS) = 5.5V, -40°C ≤ TJ ≤ 85°C
1
mA
VI = V(GS) = 3.6V. PWM mode
140
m
N-channel MOSFET
rDS(on)
TPS6261x
on resistance
VI = V(GS) = 2.5V. PWM mode
200
m
Ilkg
N-channel leakage current, NMOS
V(DS) = 5.5V, -40°C ≤ TJ ≤ 85°C
1
mA
Discharge resistor for power-down
rDIS
15
50
sequence
P-MOS current limit
2.3V
≤ VI ≤ 4.8V. Open loop
850
1100
1200
mA
Thermal shutdown
140
°C
Thermal shutdown hysteresis
10
°C
OSCILLATOR
fSW
Oscillator frequency
TPS6261x
IO = 0mA. PWM mode
5.4
6
6.6
MHz
OUTPUT
2.3V
≤ VI ≤ 2.5V, 0mA ≤ IO ≤ 200 mA
2.5V
≤ VI ≤ 2.9V, 0mA ≤ IO ≤ 300 mA
0.98×VNOM
VNOM
1.03×VNOM
V
2.9V
≤ VI ≤ 4.8V, 0mA ≤ IO ≤ 350 mA
PFM/PWM operation
Regulated DC
2.9V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 350 mA
0.98×VNOM
VNOM
1.04×VNOM
V
TPS62612
output voltage
PFM/PWM operation
TPS62615
V(OUT)
TPS62617
2.3V
≤ VI ≤ 2.5V, 0mA ≤ IO ≤ 200 mA
TPS62619
2.5V
≤ VI ≤ 2.9V, 0mA ≤ IO ≤ 300 mA
0.98×VNOM
VNOM
1.02×VNOM
V
2.9V
≤ VI ≤ 4.8V, 0mA ≤ IO ≤ 350 mA
PWM operation
Line regulation
VI = VO + 0.5V (min 2.3V) to 5.5V, IO = 200 mA
0.13
%/V
Load regulation
IO = 0mA to 350 mA
–0.0002
%/mA
Feedback input resistance
480
k
TPS62619
IO = 1mA
18
mVPP
Power-save mode
ΔVO
ripple voltage
TPS62615
IO = 1mA
22
mVPP
Power Supply
PSRR
TPS62619
f = 10kHz, IO = 150mA. PWM mode
50
dB
Rejection Ratio
Start-up time
TPS62619
IO = 0mA, Time from active EN to VO
96
ms
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62619 TPS62612 TPS62615 TPS62616


Similar Part No. - TPS62615YFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62615YFD TI-TPS62615YFD Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62615YFD TI-TPS62615YFD Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62615YFDR TI-TPS62615YFDR Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62615YFDR TI-TPS62615YFDR Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62615YFDT TI-TPS62615YFDT Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results

Similar Description - TPS62615YFD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619 Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62671 TI1-TPS62671_16 Datasheet
1Mb / 35P
[Old version datasheet]   500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62671 TI-TPS62671_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6267x 500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com