Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A4751RGYR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A4751RGYR
Description  0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A4751RGYR Datasheet(HTML) 4 Page - Texas Instruments

  TS3A4751RGYR Datasheet HTML 1Page - Texas Instruments TS3A4751RGYR Datasheet HTML 2Page - Texas Instruments TS3A4751RGYR Datasheet HTML 3Page - Texas Instruments TS3A4751RGYR Datasheet HTML 4Page - Texas Instruments TS3A4751RGYR Datasheet HTML 5Page - Texas Instruments TS3A4751RGYR Datasheet HTML 6Page - Texas Instruments TS3A4751RGYR Datasheet HTML 7Page - Texas Instruments TS3A4751RGYR Datasheet HTML 8Page - Texas Instruments TS3A4751RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY
(1) (2)
TS3A4751
SCDS227D – JULY 2006 – REVISED JULY 2008 .............................................................................................................................................................. www.ti.com
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C, VIH = 1 V, VIL = 0.4 V (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
MIN
TYP(3)
MAX
UNIT
Analog Switch
Analog signal range
VCOM, VNO
0
V+
V
25°C
1
1.5
V+ = 1.8 V, ICOM = –10 mA,
ON-state resistance
ron
VNO = 0.9 V
Full
2
25°C
0.09
0.15
ON-state resistance match
V+ = 1.8 V, ICOM = –10 mA,
Δron
between channels(4)
VNO = 0.9 V
Full
0.25
25°C
0.7
0.9
ON-state resistance
V+ = 1.8 V, ICOM = –10 mA,
ron(flat)
flatness(5)
0
≤ VNO ≤ V+
Full
1.5
25°C
–1
0.5
1
NO
V+ = 1.95 V, VCOM = 0.15 V, 1.65 V,
INO(OFF)
nA
OFF leakage current(6)
VNO = 1.8 V, 0.15 V
Full
–10
10
25°C
–1
0.5
1
COM
V+ = 1.95 V, VCOM = 0.15 V, 1.65 V,
ICOM(OFF)
nA
OFF leakage current(6)
VNO = 1.65 V, 0.15 V
Full
–10
10
25°C
–1
0.01
1
COM
V+ = 1.95 V, VCOM = 0.15 V, 1.65 V,
ICOM(ON)
nA
ON leakage current(6)
VNO = 0.15 V, 1.65 V, or floating
Full
–3
3
Dynamic
25°C
6
18
VNO = 1.5 V, RL = 50 Ω,
Turn-on time
tON
ns
CL = 35 pF, See Figure 14
Full
20
25°C
5
10
VNO = 1.5 V, RL = 50 Ω,
Turn-off time
tOFF
ns
CL = 35 pF, See Figure 14
Full
12
VGEN = 0, RGEN = 0, CL = 1 nF,
Charge injection
QC
25°C
3.2
pC
See Figure 15
NO OFF capacitance
CNO(OFF)
f = 1 MHz, See Figure 16
25°C
23
pF
COM OFF capacitance
CCOM(OFF)
f = 1 MHz, See Figure 16
25°C
20
pF
COM ON capacitance
CCOM(ON)
f = 1 MHz, See Figure 16
25°C
43
pF
Bandwidth
BW
RL = 50 Ω, Switch ON
25°C
123
MHz
f = 10 MHz
–61
RL = 50 Ω, CL = 5 pF,
OFF isolation(7)
OISO
25°C
dB
See Figure 17
f = 100 MHz
–36
f = 10 MHz
–95
RL = 50 Ω, CL = 5 pF,
Crosstalk
XTALK
25°C
dB
See Figure 17
f = 100 MHz
–73
RL = 32 Ω
0.14
f = 20 Hz to 20 kHz, VCOM
Total harmonic distortion
THD
25°C
%
= 2 VP-P
RL = 600 Ω
0.013
Digital Control Inputs (IN1–IN4)
Input logic high
VIH
Full
1
V
Input logic low
VIL
Full
0.4
V
25°C
0.1
5
Input leakage current
IIN
VI = 0 or V+
nA
Full
–10
10
Supply
Power-supply range
V+
1.6
3.6
V
25°C
0.05
Positive-supply current
I+
VI = 0 or V+
µA
Full
0.5
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(2)
Parts are tested at 85°C and specified by design and correlation over the full temperature range.
(3)
Typical values are at TA = 25°C.
(4)
Δron = ron(max) – ron(min)
(5)
Flatness is defined as the difference between the maximum and minimum value of ron as measured over the specified analog signal
ranges.
(6)
Leakage parameters are 100% tested at the maximum-rated hot operating temperature and specified by correlation at TA = 25°C.
(7)
OFF isolation = 20log10 (VCOM/VNO), VCOM = output, VNO = input to OFF switch
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3A4751


Similar Part No. - TS3A4751RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4751RGYR TI1-TS3A4751RGYR Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
More results

Similar Description - TS3A4751RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com