Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A4751PWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A4751PWRG4
Description  0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A4751PWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TS3A4751PWRG4 Datasheet HTML 1Page - Texas Instruments TS3A4751PWRG4 Datasheet HTML 2Page - Texas Instruments TS3A4751PWRG4 Datasheet HTML 3Page - Texas Instruments TS3A4751PWRG4 Datasheet HTML 4Page - Texas Instruments TS3A4751PWRG4 Datasheet HTML 5Page - Texas Instruments TS3A4751PWRG4 Datasheet HTML 6Page - Texas Instruments TS3A4751PWRG4 Datasheet HTML 7Page - Texas Instruments TS3A4751PWRG4 Datasheet HTML 8Page - Texas Instruments TS3A4751PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TYPICAL PERFORMANCE
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM (V)
V+ = 2.7 V
V+ = 1.8 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
VCOM (V)
855C
255C
–405C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VCOM (V)
855C
255C
–405C
1.00
10.00
100.00
1000.00
TA (°C)
−40
°C
25
°C
85
°C
NC/NO (OFF)
COM (ON)
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCOM (V)
V+ = 1.8 V
V+ = 3 V
0
1
2
3
4
5
6
7
8
1.6
2.0
2.4
2.8
3.2
3.6
4.0
V+ (V)
tON
tOFF
TS3A4751
www.ti.com .............................................................................................................................................................. SCDS227D – JULY 2006 – REVISED JULY 2008
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM (V+ = 1.8 V)
Figure 3. ron vs VCOM (V+ = 2.7 V)
Figure 4. ION and IOFF vs Temperature
(V+ = 3.6 V)
Figure 5. QC vs VCOM
Figure 6. tON and tOFF vs Supply Voltage
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS3A4751


Similar Part No. - TS3A4751PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4751PWRG4 TI-TS3A4751PWRG4 Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
More results

Similar Description - TS3A4751PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com