Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3DS26227YZPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TS3DS26227YZPR
Description  HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3DS26227YZPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS3DS26227YZPR Datasheet HTML 5Page - Texas Instruments TS3DS26227YZPR Datasheet HTML 6Page - Texas Instruments TS3DS26227YZPR Datasheet HTML 7Page - Texas Instruments TS3DS26227YZPR Datasheet HTML 8Page - Texas Instruments TS3DS26227YZPR Datasheet HTML 9Page - Texas Instruments TS3DS26227YZPR Datasheet HTML 10Page - Texas Instruments TS3DS26227YZPR Datasheet HTML 11Page - Texas Instruments TS3DS26227YZPR Datasheet HTML 12Page - Texas Instruments TS3DS26227YZPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
-60
6
5
7
60
40
20
0
8
Temperature( C)
°
100
80
1
4
3
2
0
9
T
on
T
off
-40
-20
-2
-3
-1
100
10
1
0
0
Frequency(MHz)
10000
1000
-7
-4
-5
-6
-8
-20
100
10
1
0
0
Frequency(MHz)
10000
1000
-100
-40
-60
-80
-120
-20
100
10
1
0
0
Frequency(MHz)
10000
1000
-100
-40
-60
-80
-120
0.8
1
0.5
0
-0.5
1
V
(V)
IN
1.5
0
0.6
0.4
0.2
-0.2
Rise
Fall
1.6
1.4
1.2
2
0.8
1
0.5
0
-0.5
1
V
(V)
IN
1.5
0
0.6
0.4
0.2
-0.2
Rise
Fall
1.6
1.4
1.2
2
TS3DS26227
www.ti.com ................................................................................................................................................ SCDS224A – JUNE 2008 – REVISED SEPTEMBER 2008
TYPICAL CHARACTERISTICS (continued)
Figure 7. ton/toff vs Temperature, V+ = 2.3 V
Figure 8. Bandwidth, V+=2.5 V
Figure 9. OFF Isolation vs Frequency, V+=2.5 V
Figure 10. Crosstalk vs Frequency, V+=2.5 V
Figure 11. Threshold Voltage, VIO=1.8 V, V+=2.7 V
Figure 12. Threshold Voltage, VIO=1.8V, V+=3.6 V
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TS3DS26227


Similar Part No. - TS3DS26227YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DS26227YZTR TI-TS3DS26227YZTR Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227YZTR TI1-TS3DS26227YZTR Datasheet
458Kb / 20P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
More results

Similar Description - TS3DS26227YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DS26227 TI-TS3DS26227_15 Datasheet
410Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI1-TS3DS26227_14 Datasheet
458Kb / 20P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI-TS3DS26227 Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
[Old version datasheet]   0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com