Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08880221 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 08880221
Description  Power Supply Cord with IEC Connector C19 and Power (Mains) Plug NEMA 5-15P resp.. 6-20P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

08880221 Datasheet(HTML) 1 Page - Schurter Inc.

  08880221 Datasheet HTML 1Page - Schurter Inc. 08880221 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Connectors (Inlets/Outlets)
0888
www.schurter.com/pg07
Connectors
Power Supply Cord with IEC Connector C19 and Power (Mains) Plug NEMA 5-15P resp.. 6-20P
Medical version
Standard version
C19
70° C
Description
-1Function:
-PowerSupplyCord/InterconnectionCord,
-Pintemperature70°C
-ProtectionclassI
Characteristics
-Wiringisvisiblethroughtransparentconnectorbodies
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
SCHURTER-Stock-Check,Distributor-Stock-Check
Technical Data
RatingsIEC
15A/125VAC;60Hz
RatingsUL/CSA
15A/125VAC;60Hz¹
DielectricStrength
>2kVDCbetweenL-N
>2kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-40°Cto85°C
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Material:Housing
PVC
Connector
C19acc.toIEC/EN60320-2-2
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,16A,
ProtectionClass1
¹
⁾cUL0888.022220A/250VAC;60Hz
Variants
Color
Max. cable diameter
Cord Type
Order Number
Transparent
9.5 mm
SJT 3x14 AWG
0888.0221
-
12.0 mm
SJT 3x12 AWG
0888.0222
0888.0221:Cordlength3mor10',MainsplugaccordingtoNema5-15P(HospitalGrade"Green
Dot"accordingtoUL498)
0888.0222:Cordlength2.4mor8’2",MainsplugaccordingtoNema6-20P
Distributor-Stock-Check|SCHURTER-Stock-Check|e-Store
Packaging unit
30Pcs
Mating Inlets/Plugs
Category / Description
Appliance Inlet Overview complete
IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
1601
IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
1621
IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
1624
IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4793
IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4798
Appliance Inlet further types to 0888


Similar Part No. - 08880221

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0888080016 MOLEX10-0888080016 Datasheet
271Kb / 6P
   28AWG Cable, Notch every 6
More results

Similar Description - 08880221

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0888.0221 SCHURTER-0888.0221_V01 Datasheet
212Kb / 3P
   Power Supply Cord with IEC Connector C19 and Power (Mains) Plug NEMA 5-15P resp.. 6-20P
05.08.2021
4390 SCHURTER-4390 Datasheet
269Kb / 2P
   Power Supply Cord with NEMA 5-15 Power (Mains) Plug 3-pole, Straight
1140 SCHURTER-1140 Datasheet
242Kb / 2P
   Power Supply Cord with NEMA 5-15 Power (Mains) Plug 3-pole, Angled
6009.5195 SCHURTER-6009.5195 Datasheet
287Kb / 3P
   US Power Supply Cord with IEC Connector C19, straight
logo
Tripp Lite. All Rights ...
P034010 TRIPPLITE-P034010 Datasheet
481Kb / 2P
   Heavy-Duty Power Cord, 15A, 14AWG (IEC-320-C19 to NEMA 5-15P), 10-ft
logo
PowerDynamics, Inc
10060 POWERDYNAMICS-10060 Datasheet
54Kb / 1P
   AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C19, 250cm LONG
logo
Schurter Inc.
4121 SCHURTER-4121 Datasheet
273Kb / 2P
   Power Supply Cord with Euro- Power (Mains) Plug, Straight
6004.0395 SCHURTER-6004.0395 Datasheet
290Kb / 3P
   EU Power Supply Cord with IEC Connector C19, straight/ angled
logo
Tripp Lite. All Rights ...
P049010 TRIPPLITE-P049010 Datasheet
481Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA 5-20P), 10-ft
logo
Schurter Inc.
1654 SCHURTER-1654 Datasheet
359Kb / 3P
   Power Cord with IEC Connector C19, Straight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com