Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0915LP15B026 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 0915LP15B026
Description  915 MHz Low Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

0915LP15B026 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  0915LP15B026 Datasheet HTML 1Page - Johanson Technology Inc. 0915LP15B026 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
915 MHz Low Pass Filter
P/N 0915LP15B026
Detail Specification: 07/29/04
Page 1 of 2
General Specifications
Part Number
0915LP15B026
Input Power
3 Watts max.
Frequency (MHz)
902 - 928
Impedance
50 Ω
Insertion Loss
0.5 dB max.
Operating Temperature
-40 to +85°C
Return Loss
14.0 dB min.
Reel Quanity
Attenuation (min.)
30 @ 2 x fo
Attenuation (min.)
30 @ 3 x fo
Terminal Configuration
No.
Function
1
GND
2
NC
Mechanical Dimensions
3
GND
In
mm
4
OUT
L
±±
5
GND
W
±±
6
NC
T
±±
7
GND
a
±±
8
IN
b
±±
c
g
±±
g
±±
Mounting Considerations
Mount these devices with brown mark facing up.
Line width should be designed to provide 50Ω impedance matching characteristics.
Units: mm
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
0.026
0.002
0.65
0.05
0.10
0.10
0.10
0.10
"High Frequency Ceramic Solutions"
4,000
0.079
2.00
0.004
1.25
0.049
0.004
0.30
0.85
0.004
0.033
0.004
0.012
0.10
0.012
0.30
0.008
0.004
0.20
+.004/-.008
+0.1/-0.2
0.014
0.004
0.35
0.10
1
L
W
c
a
Unit : mm
ap
g
b
T
Land
Solder Resist
Through-hole (
φ0.35)
No Pattern Solder Resist
2
3
4
56
7
8


Similar Part No. - 0915LP15B026

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0915LP15B026E JOHANSON-0915LP15B026E Datasheet
88Kb / 2P
   "High Frequency Ceramic Solutions"||" "511498
Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - 0915LP15B026

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0915LP15A026 JOHANSON-0915LP15A026 Datasheet
93Kb / 2P
   915 MHz Low Pass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TL0020A TAI-SAW-TL0020A Datasheet
442Kb / 5P
   Low Pass Filter 915(902~928) MHz 2.0X1.25 mm
logo
RF Monolithics, Inc
SF2098E RFM-SF2098E Datasheet
227Kb / 5P
   Low-loss 915 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2150E MURATA-SF2150E Datasheet
228Kb / 5P
   915 MHz Low-loss SAW Filter
SF2098E MURATA-SF2098E Datasheet
275Kb / 6P
   Low-loss 915 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1042A TAI-SAW-TA1042A Datasheet
948Kb / 7P
   SAW Filter 915 MHz
logo
TriQuint Semiconductor
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0281A TAI-SAW-TA0281A Datasheet
980Kb / 6P
   SAW Filter 915 MHz
TA1363A TAI-SAW-TA1363A Datasheet
429Kb / 7P
   SAW Filter 915 MHz
logo
TriQuint Semiconductor
856327 TRIQUINT-856327_15 Datasheet
552Kb / 6P
   915 MHz SAW filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com