Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCT32PWLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HCT32PWLE
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCT32PWLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCT32PWLE Datasheet HTML 1Page - Texas Instruments SN74HCT32PWLE Datasheet HTML 2Page - Texas Instruments SN74HCT32PWLE Datasheet HTML 3Page - Texas Instruments SN74HCT32PWLE Datasheet HTML 4Page - Texas Instruments SN74HCT32PWLE Datasheet HTML 5Page - Texas Instruments SN74HCT32PWLE Datasheet HTML 6Page - Texas Instruments SN74HCT32PWLE Datasheet HTML 7Page - Texas Instruments SN74HCT32PWLE Datasheet HTML 8Page - Texas Instruments SN74HCT32PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54HCT32, SN74HCT32
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCLS064E – NOVEMBER 1988 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Voltage Range of 4.5 V to 5.5 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 13 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Inputs Are TTL-Voltage Compatible
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54HCT32 ...J OR W PACKAGE
SN74HCT32 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54HCT32 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
The ’HCT32 devices contain four independent 2-input OR gates. They perform the Boolean function
Y
+ A • B or Y + A ) B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HCT32N
SN74HCT32N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HCT32D
HCT32
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HCT32DR
HCT32
–40 C to 85 C
Reel of 250
SN74HCT32DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HCT32NSR
HCT32
SSOP – DB
Reel of 2000
SN74HCT32DBR
HT32
TSSOP – PW
Tube of 90
SN74HCT32PW
HT32
TSSOP – PW
Reel of 2000
SN74HCT32PWR
HT32
Reel of 250
SN74HCT32PWT
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HCT32J
SNJ54HCT32J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HCT32W
SNJ54HCT32W
LCCC – FK
Tube of 55
SNJ54HCT32FK
SNJ54HCT32FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Similar Part No. - SN74HCT32PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT32PWLE TI-SN74HCT32PWLE Datasheet
781Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN74HCT32PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com