Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS3238EIDWG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TRS3238EIDWG4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3238EIDWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRS3238EIDWG4 Datasheet HTML 4Page - Texas Instruments TRS3238EIDWG4 Datasheet HTML 5Page - Texas Instruments TRS3238EIDWG4 Datasheet HTML 6Page - Texas Instruments TRS3238EIDWG4 Datasheet HTML 7Page - Texas Instruments TRS3238EIDWG4 Datasheet HTML 8Page - Texas Instruments TRS3238EIDWG4 Datasheet HTML 9Page - Texas Instruments TRS3238EIDWG4 Datasheet HTML 10Page - Texas Instruments TRS3238EIDWG4 Datasheet HTML 11Page - Texas Instruments TRS3238EIDWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
AUTO-POWERDOWN PLUS SECTION
Switching Characteristics
TRS3238E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS797 – JUNE 2007
xxx
Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Receiver input threshold
VT+(valid)
FORCEON = GND, FORCEOFF = VCC
2.7
V
for INVALID high-level output voltage
Receiver input threshold
VT–(valid)
FORCEON = GND, FORCEOFF = VCC
–2.7
V
for INVALID high-level output voltage
Receiver input threshold
VT(invalid)
FORCEON = GND, FORCEOFF = VCC
–0.3
0.3
V
for INVALID low-level output voltage
IOH = –1 mA, FORCEON = GND,
VOH
INVALID high-level output voltage
VCC – 0.6
V
FORCEOFF = VCC
IOL = 1.6 mA, FORCEON = GND,
VOL
INVALID low-level output voltage
0.4
V
FORCEOFF = VCC
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
MIN
TYP(1)
MAX
UNIT
tvalid
Propagation delay time, low- to high-level output
0.1
μs
tinvalid
Propagation delay time, high- to low-level output
50
μs
ten
Supply enable time
25
μs
tdis
Receiver or driver edge to auto-powerdown plus
15
30
60
s
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
8
Submit Documentation Feedback


Similar Part No. - TRS3238EIDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3238 TI-TRS3238 Datasheet
384Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238 Datasheet
368Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238CDB TI-TRS3238CDB Datasheet
384Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238CDB TI-TRS3238CDB Datasheet
368Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238CDBG4 TI-TRS3238CDBG4 Datasheet
384Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
More results

Similar Description - TRS3238EIDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3238E TI1-TRSF3238E Datasheet
610Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243-EP TI1-MAX3243-EP Datasheet
541Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3238E TI-MAX3238E Datasheet
333Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238_10 Datasheet
368Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238 Datasheet
384Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3243 TI1-TRS3243 Datasheet
583Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com