Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A5017PWG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A5017PWG4
Description  DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A5017PWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS3A5017PWG4 Datasheet HTML 5Page - Texas Instruments TS3A5017PWG4 Datasheet HTML 6Page - Texas Instruments TS3A5017PWG4 Datasheet HTML 7Page - Texas Instruments TS3A5017PWG4 Datasheet HTML 8Page - Texas Instruments TS3A5017PWG4 Datasheet HTML 9Page - Texas Instruments TS3A5017PWG4 Datasheet HTML 10Page - Texas Instruments TS3A5017PWG4 Datasheet HTML 11Page - Texas Instruments TS3A5017PWG4 Datasheet HTML 12Page - Texas Instruments TS3A5017PWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
2.0
2.0
2.2
2.4
2.6
2.8
3.0
VIL
VIH
V (V)
+
3.2
3.4
3.6
3.8
4.0
1.0
1.8
0.8
1.6
0.6
1.4
0.4
1.2
0.2
0.0
T (°C)
A
3.0
85
1.5
4.0
4.5
5.0
2.5
25
1.0
3.5
2.0
0.5
0.0
–40
tON
tOFF
( C)
°
0.35
0.30
0.25
0.20
0.15
0.10
10
100
1000
Frequency (Hz)
10 K
100 K
TS3A5017
www.ti.com .......................................................................................................................................... SCDS188D – JANUARY 2005 – REVISED DECEMBER 2008
TYPICAL PERFORMANCE (continued)
Figure 7. tON and tOFF vs Temperature (V+ = 3.3 V)
Figure 8. Logic-Level Threshold vs V+
Figure 9. Bandwidth (Gain vs Frequency) (V+ = 3.3 V)
Figure 10. OFF Isolation and Crosstalk vs Frequency
(V+ = 3.3 V)
Figure 11. Total Harmonic Distortion vs Frequency
Figure 12. Power-Supply Current vs Temperature
(V+ = 3.6 V)
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TS3A5017


Similar Part No. - TS3A5017PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017PWG4 TI1-TS3A5017PWG4 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS3A5017PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017 Datasheet
363Kb / 20P
[Old version datasheet]   14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5017 Dual SP4T Analog Switch / Multiplexer / Demultiplexer
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com