Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM105 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # EFM105
Description  SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

EFM105 Datasheet(HTML) 2 Page - Rectron Semiconductor

  EFM105 Datasheet HTML 1Page - Rectron Semiconductor EFM105 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( EFM101 THRU EFM106 )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50
NONINDUCTIVE
10
NON-INDUCTIVE
D.U.T
25 Vdc
(approx)
( - )
( - )
( + )
( + )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
NOTES:1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22 pF.
2. Rise Time = 10ns max. Source Impedance =
50 ohms.
trr
+0.5A
0
-0.25A
-1.0A
1cm
SET TIME BASE FOR
5/10 ns/cm
FIG. 2 - TYPICAL FORWARD
CURRENT DERATING CURVE
AMBIENT TEMPERATURE (
)
2.0
1.0
0
25 50 75 100 125 150 175
0
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ = 25
TJ = 100
TJ = 150
100
10
1.0
.1
.01
40
0
20
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
.2
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
FIG. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Pulse Width = 300uS
1% Duty Cycle
TJ = 25
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20 40 100
TJ = 25
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
70
60
50
40
30
20
10
0
.1
.5
1 2
5
10 20
50
400
200
100
TJ = 25


Similar Part No. - EFM105

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
EFM105 LRC-EFM105 Datasheet
57Kb / 2P
   1A FAST RECOVERY SMA DIODES
logo
Rectron Semiconductor
EFM105 RECTRON-EFM105 Datasheet
559Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Shenzhen Taychipst Elec...
EFM105 TAYCHIPST-EFM105 Datasheet
3Mb / 2P
   SURFACE MOUNT GLASS PASSIVATEDSUPER FAST SILICON RECTIFIER
logo
Leshan Radio Company
EFM105 LRC-EFM105 Datasheet
196Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Rectron Semiconductor
EFM105 RECTRON-EFM105 Datasheet
253Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
More results

Similar Description - EFM105

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ESM101 RECTRON-ESM101 Datasheet
26Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
UFM101 RECTRON-UFM101 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
EFM101B RECTRON-EFM101B Datasheet
68Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
EFM101 RECTRON-EFM101_06 Datasheet
559Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
EFMB101 RECTRON-EFMB101 Datasheet
59Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
EDB101S RECTRON-EDB101S Datasheet
27Kb / 2P
   GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
SF11 RECTRON-SF11 Datasheet
27Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
SE1 RECTRON-SE1 Datasheet
343Kb / 5P
   SURFACE MOUNT SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
EFM201 RECTRON-EFM201 Datasheet
26Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Ampere)
UFM101L RECTRON-UFM101L Datasheet
394Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com