Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62C17 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS62C17
Description  Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62C17 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS62C17_1 Datasheet HTML 2Page - Texas Instruments ADS62C17_1 Datasheet HTML 3Page - Texas Instruments ADS62C17_1 Datasheet HTML 4Page - Texas Instruments ADS62C17_1 Datasheet HTML 5Page - Texas Instruments ADS62C17_1 Datasheet HTML 6Page - Texas Instruments ADS62C17_1 Datasheet HTML 7Page - Texas Instruments ADS62C17_1 Datasheet HTML 8Page - Texas Instruments ADS62C17_1 Datasheet HTML 9Page - Texas Instruments ADS62C17_1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
ELECTRICAL CHARACTERISTICS
ADS62C17
SLAS631A – APRIL 2009 – REVISED JULY 2009 ............................................................................................................................................................. www.ti.com
Typical values are at 25°C, AVDD = 3.3V, DRVDD = 1.8V, sampling frequency = 200 MSPS, 50% clock duty cycle, –1dBFS
differential analog input, internal reference mode, SNRBoost disabled, LVDS and CMOS interfaces unless otherwise noted.
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3V, DRVDD = 1.8V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SNR
Fin = 20 MHz
67
Signal to noise ratio
Fin = 70 MHz
66.8
dBFS
LVDS
Fin = 170 MHz
0 dB gain
64.5
66.3
6 dB gain
64.4
Table 1. SNR Enhancement With SNRBoost Enabled
SNRBoost bath-tub centered at Fsx0.25, –1 dBFS input applied at Fin = 125MHz, Sampling frequency = 200MSPS
SNR Within Specified bandwidth, dBFS
Bandwidth, MHz
In Default Mode (SNRBoost Disabled)
With SNRBoost Enabled(1)
MIN
TYP
MAX
MIN
TYP
MAX
5
78.8
79.6
83
85.6
10
75.8
76.6
80
82.6
15
74
74.9
78.2
80.9
20
72.7
73.6
77
79.6
30
71
71.9
74.4
76.4
40
69.8
70.6
72.7
74.5
(1)
Using recommended SNRBoost coefficients. See note on SNRBoost in application section.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS62C17


Similar Part No. - ADS62C17_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62C17IRGC25 TI-ADS62C17IRGC25 Datasheet
3Mb / 68P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
ADS62C17IRGCR TI-ADS62C17IRGCR Datasheet
3Mb / 68P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
ADS62C17IRGCT TI-ADS62C17IRGCT Datasheet
3Mb / 68P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
More results

Similar Description - ADS62C17_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62C17 TI-ADS62C17 Datasheet
3Mb / 68P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
ADS5517 TI-ADS5517 Datasheet
1Mb / 54P
[Old version datasheet]   11-BIT, 200 MSPS ADC
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
logo
Analog Devices
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
   24-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com