Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62C17 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62C17
Description  Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62C17 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS62C17 Datasheet HTML 5Page - Texas Instruments ADS62C17 Datasheet HTML 6Page - Texas Instruments ADS62C17 Datasheet HTML 7Page - Texas Instruments ADS62C17 Datasheet HTML 8Page - Texas Instruments ADS62C17 Datasheet HTML 9Page - Texas Instruments ADS62C17 Datasheet HTML 10Page - Texas Instruments ADS62C17 Datasheet HTML 11Page - Texas Instruments ADS62C17 Datasheet HTML 12Page - Texas Instruments ADS62C17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
TIMING CHARACTERISTICS — LVDS AND CMOS MODES
(1)
ADS62C17
www.ti.com ............................................................................................................................................................. SLAS631A – APRIL 2009 – REVISED JULY 2009
Typical values are at 25°C, AVDD = 3.3V, DRVDD = 1.8V, sampling frequency = 200 MSPS, sine wave input clock, CLOAD =
5pF
(2), R
LOAD = 100 Ω
(3), no internal termination, LOW SPEED mode disabled, unless otherwise noted.
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3V, DRVDD = 1.7V to
1.9V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ta
Aperture delay
0.7
1.2
1.7
ns
Aperture delay matching
between two channels of the same device
±50
ps
tj
Aperture jitter
145
fs rms
Time to valid data after coming out of STANDBY mode
1
3
µs
Wake-up time
Time to valid data after coming out of global powerdown
20
50
Time to valid data after stopping and restarting the input clock
10
Clock
cycles
ADC Latency(4)
Default, after reset
22
DDR LVDS MODE(5)
tsu
Data setup time(6)
Data valid(7) to zero-crossing of CLKOUTP
0.8
1.15
ns
th
Data hold time(7)
Zero-crossing of CLKOUTP to data becoming invalid(7)
0.8
1.15
ns
tPDI
Clock propagation delay
Input clock falling edge cross-over to output clock rising edge
tPDI = 0.69×Ts + tdelay
cross-over
100 MSPS
≤ Sampling frequency ≤ 200 MSPS
tdelay
4.2
5.7
7.2
ns
Ts = 1/Sampling frequency
Difference in tdelay between two devices operating at same
tdelay skew
±500
ps
temperature & SVDD supply voltage.
Duty cycle of differential clock, (CLKOUTP-CLKOUTM)
LVDS bit clock duty cycle
52%
100 MSPS
≤ Sampling frequency ≤ 200 MSPS
Rise time measured from –100 mV to +100 mV
tRISE, tFALL
Data rise time, Data fall time
Fall time measured from +100 mV to –100 mV
0.14
ns
1MSPS
≤ Sampling frequency ≤ 200 MSPS
Rise time measured from –100 mV to +100 mV
Output clock rise time,
tCLKRISE,
Fall time measured from +100 mV to –100 mV
0.14
ns
tCLKFALL
Output clock fall time
1 MSPS
≤ Sampling frequency ≤ 200 MSPS
tOE
Output buffer enable to data delay
Time to valid data after output buffer becomes active
100
ns
PARALLEL CMOS MODE at Fs=200 MSPS(8)
tSTART
Input clock to data delay
Input clock falling edge cross-over to start of data valid(7)
2.5
ns
tDV
Data valid time
Time interval of valid data(7)
1.7
2.7
ns
tPDI
Clock propagation delay
Input clock falling edge cross-over to output clock rising edge
tPDI = 0.28×Ts + tdelay
cross-over
100 MSPS
≤ Sampling frequency ≤ 150 MSPS
tdelay
5.5
7.5
8.5
ns
Ts = 1/Sampling frequency
Duty cycle of output clock, CLKOUT
Output clock duty cycle
43
100 MSPS
≤ Sampling frequency ≤ 150 MSPS
Rise time measured from 20% to 80% of DRVDD
tRISE, tFALL
Data rise time, Data fall time
Fall time measured from 80% to 20% of DRVDD
1.2
ns
1
≤ Sampling frequency ≤ 200 MSPS
Rise time measured from 20% to 80% of DRVDD
Output clock rise time,
tCLKRISE,
Fall time measured from 80% to 20% of DRVDD
0.8
ns
tCLKFALL
Output clock fall time
1
≤ Sampling frequency ≤ 150 MSPS
Output buffer enable (OE) to data
tOE
Time to valid data after output buffer becomes active
100
ns
delay
(1)
Timing parameters are ensured by design and characterization and not tested in production.
(2)
CLOAD is the effective external single-ended load capacitance between each output pin and ground
(3)
RLOAD is the differential load resistance between the LVDS output pair.
(4)
At higher frequencies, tPDI is greater than one clock period and overall latency = ADC latency + 1.
(5)
Measurements are done with a transmission line of 100
Ω characteristic impedance between the device and the load.
Setup and hold time specifications take into account the effect of jitter on the output data and clock.
(6)
Data valid refers to LOGIC HIGH of +100.0mV and LOGIC LOW of -100.0mV.
(7)
Data valid refers to LOGIC HIGH of 1.26V and LOGIC LOW of 0.54V.
(8)
For Fs> 150 MSPS, it is recommended to use external clock for data capture and NOT the device output clock signal (CLKOUT).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS62C17


Similar Part No. - ADS62C17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62C17 TI-ADS62C17 Datasheet
3Mb / 68P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
ADS62C17IRGC25 TI-ADS62C17IRGC25 Datasheet
3Mb / 68P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
ADS62C17IRGCR TI-ADS62C17IRGCR Datasheet
3Mb / 68P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
ADS62C17IRGCT TI-ADS62C17IRGCT Datasheet
3Mb / 68P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
More results

Similar Description - ADS62C17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62C17 TI-ADS62C17 Datasheet
3Mb / 68P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
ADS5517 TI-ADS5517 Datasheet
1Mb / 54P
[Old version datasheet]   11-BIT, 200 MSPS ADC
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
logo
Analog Devices
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
   24-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com