Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE706 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCE706 Datasheet HTML 5Page - Texas Instruments CDCE706 Datasheet HTML 6Page - Texas Instruments CDCE706 Datasheet HTML 7Page - Texas Instruments CDCE706 Datasheet HTML 8Page - Texas Instruments CDCE706 Datasheet HTML 9Page - Texas Instruments CDCE706 Datasheet HTML 10Page - Texas Instruments CDCE706 Datasheet HTML 11Page - Texas Instruments CDCE706 Datasheet HTML 12Page - Texas Instruments CDCE706 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
PARAMETER MEASUREMENT INFORMATION
Yn
1kW
1kW
10pF
LVCMOS
CDCE706
S0375-01
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
110
120
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150 160 170 180 190 200 210
fVCO − VCO Frequency − MHz
G001
VCC = 3.3 V
M div = 1
N div = 2
P div = 1
VCO Normal-Speed Mode
PLL1 + PLL2 SSC + PLL3
PLL1 + PLL2 + PLL3
PLL1 + PLL2
PLL1
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
Figure 1. Test Load
Figure 2. ICC vs Number of PLLs and VCO Frequency (VCO at Normal-Speed Mode, Byte 6 Bits [7:5])
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCE706


Similar Part No. - CDCE706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results

Similar Description - CDCE706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906 TI-CDC906 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906_10 Datasheet
1Mb / 42P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com