Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE913 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDCE913
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE913 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCE913_10 Datasheet HTML 4Page - Texas Instruments CDCE913_10 Datasheet HTML 5Page - Texas Instruments CDCE913_10 Datasheet HTML 6Page - Texas Instruments CDCE913_10 Datasheet HTML 7Page - Texas Instruments CDCE913_10 Datasheet HTML 8Page - Texas Instruments CDCE913_10 Datasheet HTML 9Page - Texas Instruments CDCE913_10 Datasheet HTML 10Page - Texas Instruments CDCE913_10 Datasheet HTML 11Page - Texas Instruments CDCE913_10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
V
=1.8V,
V
=3.3V,
noload
DD
DDOUT
0
2
4
6
8
10
12
14
16
10
30
50 70
90 110 130 150 170 190 210 230
f
-OutputFrequency-MHz
OUT
allOutputsoff
3Outputson
1Outputon
0
5
10
15
20
25
30
10
60
110
160
210
f
-Frequency-MHz
VCO
1PLL on
allPLL off
V
=1.8V
DD
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
10 30 50
70
90 110 130 150 170 190 210 230
V
=1.8V,
V
=1.8V,
noload
DD
DDOUT
f
-OutputFrequency-MHz
OUT
allOutputsoff
3Outputson
1Outputon
CDCE913
CDCEL913
SCAS849E – JUNE 2007 – REVISED MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS
CDCE913, CDCEL913
CDCE913
SUPPLY CURRENT
OUTPUT CURRENT
vs
vs
PLL FREQUENCY
OUTPUT FREQUENCY
Figure 3.
Figure 4.
CDCEL913
OUTPUT CURRENT
vs
OUTPUT FREQUENCY
Figure 5.
8
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE913 CDCEL913


Similar Part No. - CDCE913_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
More results

Similar Description - CDCE913_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
[Old version datasheet]   PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com