Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1070.0433 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 1070.0433
Description  TOUCHSCREEN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1070.0433 Datasheet(HTML) 1 Page - Schurter Inc.

  1070.0433 Datasheet HTML 1Page - Schurter Inc. 1070.0433 Datasheet HTML 2Page - Schurter Inc. 1070.0433 Datasheet HTML 3Page - Schurter Inc. 1070.0433 Datasheet HTML 4Page - Schurter Inc. 1070.0433 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Changes that contribute to technical improvement are subject to alternations
2002
Datum
Name
Bearb.
24.10.
Maurer
TOUCHSCREEN
Gepr.
24.10.
Maurer
10,44“, 8-Wire
Vert.
EDV-Datasheet
SPECIFICATIONS OF ANALOG RESISTIVE
PET-ON-GLASS TOUCH SCREEN
don’t change manually
Manufactured by Apex Material Technology Corp.
H
1070.0433
a
500004569
18.08.2006
Maurer
Zu Änd.
Datum
Name
D 79346 Endingen
Blatt 1 von 5
Index: a
Analog 8-wire PET-On-Glass Touch Screen Specification
1. Mechanical Dimensions and Construction
1.1
General: Analog Resistive touch screen is laminated by ITO PET to ITO glass.
1.2
Construction :
Item Description
Material
Remarks
1
ITO PET
(Top layer)
0.188mm ITO PET Film Antiglare coating
Surface hardness: 3H
Resistance:300~600Ω/□
2
ITO Patterned Glass (Bottom
layer)
1.57mm ITO Glass
Resistance:300~600Ω/□
3
Tail Base
PET
Separated Tail
4
Tail Coverlay
PET
5
Connector
AMP Compatible
Pitch : 2.54mm
6
Top layer circuit
Silver ink
7
Bottom layer circuit
Silver ink
8
Layer to layer contacted
Silver ink
9
Dot spacer
UV Cure ink
10 Isolation Layer
Isolation Adhesive
Touch screen side view:


Similar Part No. - 1070.0433

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1070.0430 SCHURTER-1070.0430 Datasheet
197Kb / 5P
   TOUCHSCREEN
1070.0432 SCHURTER-1070.0432 Datasheet
405Kb / 5P
   TOUCHSCREEN
1070.0435 SCHURTER-1070.0435 Datasheet
388Kb / 5P
   TOUCHSCREEN
1070.0439 SCHURTER-1070.0439 Datasheet
379Kb / 5P
   TOUCHSCREEN
More results

Similar Description - 1070.0433

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700435 SCHURTER-10700435 Datasheet
388Kb / 5P
   TOUCHSCREEN
10700426 SCHURTER-10700426 Datasheet
198Kb / 5P
   TOUCHSCREEN
10700430 SCHURTER-10700430 Datasheet
197Kb / 5P
   TOUCHSCREEN
10700445 SCHURTER-10700445 Datasheet
560Kb / 5P
   TOUCHSCREEN
10700450 SCHURTER-10700450 Datasheet
199Kb / 5P
   TOUCHSCREEN
10700482 SCHURTER-10700482 Datasheet
188Kb / 4P
   TOUCHSCREEN
10700416 SCHURTER-10700416 Datasheet
402Kb / 5P
   TOUCHSCREEN
10700419 SCHURTER-10700419 Datasheet
377Kb / 5P
   TOUCHSCREEN
10700465 SCHURTER-10700465 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700459 SCHURTER-10700459 Datasheet
236Kb / 4P
   TOUCHSCREEN
10700472 SCHURTER-10700472 Datasheet
222Kb / 5P
   TOUCHSCREEN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com