Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC1 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # DC1
Description  HDMI Standard Digital Interface Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DC1 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  DC1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MB-0121-2
5/9
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
•DC1R019JBA
(SMT angle , with flange)


Similar Part No. - DC1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
DC1 CHERRY-DC1 Datasheet
246Kb / 3P
   SUBMINIATURE — SEALED
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
   2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
DC1-5_DD SLPOWER-DC1-5_DD Datasheet
351Kb / 3P
   5W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Integrated Power Design...
DC1-80 IPDPOWER-DC1-80 Datasheet
418Kb / 2P
   80 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. C 10/06/2022
DC1-80-1001 IPDPOWER-DC1-80-1001 Datasheet
418Kb / 2P
   80 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. C 10/06/2022
More results

Similar Description - DC1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DP1 JAE-DP1 Datasheet
918Kb / 12P
   DisplayPortTM Standard Digital Interface Connector
DC2 JAE-DC2 Datasheet
214Kb / 5P
   HDMI Standard Type C HDMI Mini Connector
logo
Analog Devices
AD9381 AD-AD9381 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
   HDMI??Display Interface
REV. 0
AD9381 AD-AD9381_15 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
logo
Infineon Technologies A...
BGF128 INFINEON-BGF128 Datasheet
558Kb / 6P
   HDMI Interface ESD Protection
V2.1, April 2009
logo
Molex Electronics Ltd.
88768-9800 MOLEX-88768-9800 Datasheet
230Kb / 2P
   High Definition Multimedia Interface (HDMI) Connector System
logo
Adam Technologies, Inc.
HDMISRA1 ADAM-TECH-HDMISRA1 Datasheet
108Kb / 1P
   HDMI CONNECTOR HIGH DEFINITION MULTI-MEDIA INTERFACE
HDMI-S-RA-1 ADAM-TECH-HDMI-S-RA-1 Datasheet
215Kb / 1P
   HDMI CONNECTOR HIGH DEFINITION MULTI-MEDIA INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com