Electronic Components Datasheet Search
Selected language     English  ā–¼


J025-52209 Datasheet(PDF) 11 Page - Japan Aviation Electronics Industry, Ltd.

Part No. J025-52209
Description  Small Circular Connector
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JAE [Japan Aviation Electronics Industry, Ltd.]
Homepage  http://www.jae.com
Logo 

 11 page
background image
MB-0054-8
11/22
JAE PMK Div. Proprietary. Copyright Ā© 2009, Japan Aviation Electronics Industry, Ltd.
JN1, 2 Receptacle (4, 10pos.) for
waterproof, IP67
035565
J025-52209
Waterproof Cap
Waterproof (when mated), solder
socket, cable dia. 5.7 to 7.3,
X position
105531
JN2FS04FK1X-R
Individually waterproofed, solder pin,
body earth structure, X position
105530
JN2AS04MK2X-R
Waterproof (when mated), solder
socket, cable dia. 6.5 to 8.0
105531
JN2FS04FK2-R
Waterproof (when mated), solder
socket, cable dia. 6.5 to 8.0,
X position
105531
JN2FS04FK2X-R
Waterproof (when mated), solder
socket, cable dia. 6.5 to 8.0,
X position
105532
JN2DS04FK2X-R
Waterproof (when mated),
solder socket, cable dia. 5.7 to 7.3,
X position
105532
JN2DS04FK1X-R
Waterproof (when mated), solder
socket, kit type (with two types of
rubber bushing), X position
105536
JN2DS04FKKX-R
Waterproof (when mated), solder
socket, kit type (with two types of
rubber bushing)
105536
JN2DS04FKK-R
Waterproof (when mated), solder
socket, kit type (with two types of
rubber bushing), X position
105535
JN2FS04FKKX-R
Angle Plug
Straight
Plug
Square
Flange
Receptacle
Type
JN2
Waterproof (when mated),
solder socket, cable dia. 5.7 to 7.3
105532
JN2DS04FK1-R
Individually waterproofed, solder pin,
body earth structure
105530
JN2AS04MK2-R
4
105535
105531
105532
SJ
Drawing
Waterproof (when mated), solder
socket, kit type (with two types of
rubber bushing)
JN2FS04FKK-R
Waterproof (when mated), solder
socket, cable dia. 5.7 to 7.3
JN2FS04FK1X-R
Waterproof (when mated),
solder socket, cable dia. 6.5 to 8.0
JN2DS04FK2-R
Performance / Shape
Part Number
No.
of
Con
tacts
Part Number List




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl