Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FI-D Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-D
Description  Board to Cable Connector Compatible to High Speed Differential Transmission
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-D Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  FI-D Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-D Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-D Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-D Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MB-0141-2
4/4
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electronics Industry, Limited
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
Notice: Products shown in this leaflet are
made for the applications listed below. However,
if the above-mentioned products are to be used in
aerospace devices, marine cable-connection
devices, atomic power control systems, medical
equipment for life-support systems, or any other
specific application requiring extremely high
reliability, please contact JAE for further
information.
Recommended applications: computers, office
machines, measuring devices,
telecommunication devices (terminals, mobile
devices), AV devices, household applications, FA
devices, etc.
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
Unit: mm
SJ101237
FI-D44C2-SH-BE-8000
SJ101236
FI-D44C2-E
SJ Drawing
Part Number
Plug side: FI-D44C2-E (SJ101236) 
Mating height
B


Similar Part No. - FI-D

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-D44C2-E JAE-FI-D44C2-E Datasheet
161Kb / 1P
   SIGNAL CONTACT COPPER ALLOY
FI-D50C2-G-SH-B-8000 JAE-FI-D50C2-G-SH-B-8000 Datasheet
84Kb / 1P
   SHELL - STAINLESS STEEL
More results

Similar Description - FI-D

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-G JAE-FI-G Datasheet
279Kb / 7P
   Board to Cable Connector Compatible to High-Speed Differential Transmission
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
   High-speed Differential Transmission Compatible Board-to-Cable Connector
FI-NX JAE-FI-NX Datasheet
1Mb / 10P
   Board-to-Cable Connector for High-Speed Differential Transmission
FI-M JAE-FI-M Datasheet
447Kb / 7P
   Board to Cable Connector for High speed Differential Transmission
FI-X30HL-B JAE-FI-X30HL-B Datasheet
255Kb / 5P
   Board-to-Cable Connector for High Speed Differential Transmission
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
MX38 JAE-MX38 Datasheet
446Kb / 8P
   Automotive High-speed Differential Transmission Compatible Connector
logo
List of Unclassifed Man...
HD1S040HA1R6000 ETC2-HD1S040HA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
logo
Japan Aviation Electron...
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
logo
List of Unclassifed Man...
HD1P040MA1R6000 ETC2-HD1P040MA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com