Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FI-D Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-D
Description  Board to Cable Connector Compatible to High Speed Differential Transmission
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-D Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FI-D Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-D Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-D Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-D Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/4
MB-0141-2
July 2006
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
No. of contacts :44 pos.
Contact resistance: 70m ohm max.
Dielectric withstanding voltage: 500Vr.m.s per minute
Operating temperature: -40 Deg. C to +85 Deg. C
Rated current: 0.5A /1pin
Lifetime: 30 times
Applicable cable: Contact No. 1 to 17 Discrete (AWG #40) or Coaxial (AWG #40)
Contact No. 18 to 44 Twin-Coaxial (AWG #32)
Features
FI-D Series
Board to Cable Connector Compatible to High Speed
Differential Transmission
General Specifications
Ground condition is reinforced to improve EMI characteristics.
Soldering connection of plug side is possible at once.
(compatible to twin coaxial and discrete cable)
Height variations for receptacle, can be selected from 4 heights.
Mating height: 4.40mm, 7.35mm, 8.50mm, and 9.35 mm
The FI-D series are high speed differential transmission connectors for LCD panel.
RoHS Compliant


Similar Part No. - FI-D

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-D44C2-E JAE-FI-D44C2-E Datasheet
161Kb / 1P
   SIGNAL CONTACT COPPER ALLOY
FI-D50C2-G-SH-B-8000 JAE-FI-D50C2-G-SH-B-8000 Datasheet
84Kb / 1P
   SHELL - STAINLESS STEEL
More results

Similar Description - FI-D

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-G JAE-FI-G Datasheet
279Kb / 7P
   Board to Cable Connector Compatible to High-Speed Differential Transmission
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
   High-speed Differential Transmission Compatible Board-to-Cable Connector
FI-NX JAE-FI-NX Datasheet
1Mb / 10P
   Board-to-Cable Connector for High-Speed Differential Transmission
FI-M JAE-FI-M Datasheet
447Kb / 7P
   Board to Cable Connector for High speed Differential Transmission
FI-X30HL-B JAE-FI-X30HL-B Datasheet
255Kb / 5P
   Board-to-Cable Connector for High Speed Differential Transmission
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
MX38 JAE-MX38 Datasheet
446Kb / 8P
   Automotive High-speed Differential Transmission Compatible Connector
logo
List of Unclassifed Man...
HD1S040HA1R6000 ETC2-HD1S040HA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
logo
Japan Aviation Electron...
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
logo
List of Unclassifed Man...
HD1P040MA1R6000 ETC2-HD1P040MA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com