Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FI-G30C2 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-G30C2
Description  Board to Cable Connector Compatible to High-Speed Differential Transmission
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-G30C2 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FI-G30C2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-G30C2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-G30C2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-G30C2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-G30C2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-G30C2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-G30C2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/ 7
MB-0162-1
October 2006
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Features
FI-G Series
Board to Cable Connector Compatible to
High-Speed Differential Transmission
FI-G series is a high speed differential transmission connector for LCD panel
connection.
•Terminal pitch: 0.5mm, Connector height: 2.4mm, suitable for handheld devices.
•High speed transmission area of cable is compatible to fine coaxial wire (AWG#40 to 42)
•Ground performance is enhanced by the shell to shell/ shell to board multipoint
connection established to improve EMI characteristics.
•With pull bar for easy connector removal
General Specification
No. of contacts: 30 pos.
Contact resistance: 60m ohm max.
Dielectric withstanding voltage: 500Vr.m.s. per minute
Insulation resistance: 100M ohm min.
Operating temperature: -40 Deg. C to +80 Deg. C
Rated current: 0.5A per contact
Life time: 30 times
Applicable cable: Contact No. 20 to 30(for signal) Coaxial (AWG#40 or #42)
Contact No. 1 to 20(for power and other use) Discrete wire(AWG#32 or #36)
RoHS Compliant


Similar Part No. - FI-G30C2

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-G30C2 JAE-FI-G30C2 Datasheet
116Kb / 1P
   CONTACT COPPER ALLOY
More results

Similar Description - FI-G30C2

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-D JAE-FI-D Datasheet
735Kb / 4P
   Board to Cable Connector Compatible to High Speed Differential Transmission
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
   High-speed Differential Transmission Compatible Board-to-Cable Connector
FI-NX JAE-FI-NX Datasheet
1Mb / 10P
   Board-to-Cable Connector for High-Speed Differential Transmission
FI-M JAE-FI-M Datasheet
447Kb / 7P
   Board to Cable Connector for High speed Differential Transmission
FI-X30HL-B JAE-FI-X30HL-B Datasheet
255Kb / 5P
   Board-to-Cable Connector for High Speed Differential Transmission
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
MX38 JAE-MX38 Datasheet
446Kb / 8P
   Automotive High-speed Differential Transmission Compatible Connector
logo
List of Unclassifed Man...
HD1S040HA1R6000 ETC2-HD1S040HA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
logo
Japan Aviation Electron...
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
logo
List of Unclassifed Man...
HD1P040MA1R6000 ETC2-HD1P040MA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com