Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JN1HS10PLKS3 Datasheet(PDF) 10 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN1HS10PLKS3
Description  Small Circular Connector
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN1HS10PLKS3 Datasheet(HTML) 10 Page - Japan Aviation Electronics Industry, Ltd.

Back Button JN1HS10PLKS3 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN1HS10PLKS3 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN1HS10PLKS3 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN1HS10PLKS3 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. JN1HS10PLKS3 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. JN1HS10PLKS3 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. JN1HS10PLKS3 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. JN1HS10PLKS3 Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. JN1HS10PLKS3 Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MB-0054-8
10/22
JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd.
* JN2 contact is in common with JN1.
26-28AWG
Outer Dia. 1.1 max.
SJ035503
JN1-22-26S-PKG100
21-25AWG
Outer Dia. 1.5 max.
SJ035503
JN1-22-22S-PKG100
In reels
(10,000
pcs.)
In reels
(10,000
pcs.)
In pieces
(100pcs.)
In pieces
In pieces
(100pcs.)
Figuration
26-28AWG
Outer Dia. 1.1 max.
SJ037430
JN1-22-26P-PKG100
21-25AWG
Outer Dia. 1.5 max.
SJ037431
JN1-22-22P-10000
21-25AWG
Outer Dia. 1.5 max.
SJ037430
JN1-22-22P-PKG100
JN1-22-26P-10,000
JN1-22-20P-R-10000
JN1-22-20P-R-
PKG100
JN1-22-22F-PKG10
JN1-22-22F-PKG100
JN1-22-26S-10000
JN1-22-22S-10000
JN1-22-20S-R-10000
JN1-22-20S-R-
PKG100
Part Number
In pieces(10pcs.),
AWG#20 max.
Outer Dia. 1.5 max.
SJ109855
Solder
In pieces(10pcs.),
20AWG max.
Outer Dia. 1.5 max.
SJ109855
20-21AWG
Outer Dia. 1.5 max.
SJ037431
26-28AWG
Outer Dia. 1.1 max.
SJ037431
20-21AWG
Outer Dia. 1.5 max.
SJ035503
Crimp
20-21AWG
Outer Dia. 1.5 max.
SJ035504
Socket
Contact
26-28AWG
Outer Dia. 1.1 max.
SJ035504
21-25AWG
Outer Dia. 1.5 max.
SJ035504
10
No.
of
Con
tacts
JN1
Pin
Contact
20-21AWG
Outer Dia. 1.5 max.
SJ037430
Crimp
SJ Drawing
Performance /
Shape
Connection
Type
Contact
Type


Similar Part No. - JN1HS10PLKS3

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN1HS10PL JAE-JN1HS10PL Datasheet
187Kb / 1P
   CABLE CONNECTING RECEPTACLE
JN1HS10PL1 JAE-JN1HS10PL1 Datasheet
187Kb / 1P
   CABLE CONNECTING RECEPTACLE
JN1HS10PL2 JAE-JN1HS10PL2 Datasheet
187Kb / 1P
   CABLE CONNECTING RECEPTACLE
JN1HS10PL3 JAE-JN1HS10PL3 Datasheet
187Kb / 1P
   CABLE CONNECTING RECEPTACLE
More results

Similar Description - JN1HS10PLKS3

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN1W JAE-JN1W Datasheet
269Kb / 17P
   Small Circular Connector
logo
Hirose Electric
LF13WBLP-20PA HIROSE-LF13WBLP-20PA Datasheet
173Kb / 1P
   Standard Circular Connector
logo
DDK Ltd.
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
logo
Amphenol Corporation
TV07WCI1735PF404 AMPHENOL-TV07WCI1735PF404 Datasheet
1Mb / 44P
   Standard Circular Connector
logo
DDK Ltd.
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
   Waterproof Circular connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com