Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5916IDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5916IDR
Description  8-BIT CONSTANT-CURRENT LED SINK DRIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5916IDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5916IDR Datasheet HTML 2Page - Texas Instruments TLC5916IDR Datasheet HTML 3Page - Texas Instruments TLC5916IDR Datasheet HTML 4Page - Texas Instruments TLC5916IDR Datasheet HTML 5Page - Texas Instruments TLC5916IDR Datasheet HTML 6Page - Texas Instruments TLC5916IDR Datasheet HTML 7Page - Texas Instruments TLC5916IDR Datasheet HTML 8Page - Texas Instruments TLC5916IDR Datasheet HTML 9Page - Texas Instruments TLC5916IDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
Absolute Maximum Ratings
Power Dissipation and Thermal Impedance
TLC5916, TLC5917
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
SLVS695A – JUNE 2007 – REVISED MARCH 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage range
0
7
V
VI
Input voltage range
–0.4
VDD + 0.4
V
VO
Output voltage range
–0.5
20
V
fclk
Clock frequency
25
MHz
IOUT
Output current
120
mA
IGND
GND terminal current
960
mA
TA
Operating free-air temperature range
–40
125
°C
TJ
Operating junction temperature range
–40
150
°C
Tstg
Storage temperature range
–55
150
°C
ESD
Electrostatic discharge capability, V(HBMESD)
100 pF, 1.5 k
1.5
kV
MIN
MAX
UNIT
D package
1.5
Mounted on JEDEC 4-layer board (JESD 51-7),
PD
Power dissipation
N package
1
W
No airflow, TA = 25°C, TJ = 125°C
PW package
0.9
D package
103
Mounted on JEDEC 1-layer board (JESD 51-3),
N package
148
No airflow
PW package
176
Thermal impedance,
θ
JA
°C/W
junction to free air
D package
66
Mounted on JEDEC 4-layer board (JESD 51-7),
N package
97
No airflow
PW package
112
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5916 TLC5917


Similar Part No. - TLC5916IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5916IDR TI-TLC5916IDR Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916IDR TI-TLC5916IDR Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916IDRG4 TI-TLC5916IDRG4 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results

Similar Description - TLC5916IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1_16 Datasheet
713Kb / 34P
[Old version datasheet]   8-Bit Constant-Current LED Sink Drivers
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com