Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5916IDRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC5916IDRG4
Description  8-BIT CONSTANT-CURRENT LED SINK DRIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5916IDRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5916IDRG4 Datasheet HTML 1Page - Texas Instruments TLC5916IDRG4 Datasheet HTML 2Page - Texas Instruments TLC5916IDRG4 Datasheet HTML 3Page - Texas Instruments TLC5916IDRG4 Datasheet HTML 4Page - Texas Instruments TLC5916IDRG4 Datasheet HTML 5Page - Texas Instruments TLC5916IDRG4 Datasheet HTML 6Page - Texas Instruments TLC5916IDRG4 Datasheet HTML 7Page - Texas Instruments TLC5916IDRG4 Datasheet HTML 8Page - Texas Instruments TLC5916IDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TLC5916, TLC5917
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
SLVS695A – JUNE 2007 – REVISED MARCH 2008
www.ti.com
• Eight Constant-Current Output Channels
• 30-MHz Clock Frequency
• Output Current Adjusted Through External
• Schmitt-Trigger Input
Resistor
• 3.3-V or 5-V Supply Voltage
• Constant Output Current Range:
• Thermal Shutdown for Overtemperature
5 mA to 120 mA
Protection
• Constant Output Current Invariant to Load
Voltage Change
• General LED Lighting Applications
• Open Load, Short Load and Overtemperature
Detection
• LED Display Systems
• LED Signage
• 256-Step Programmable Global Current Gain
• Automotive LED Lighting
• Excellent Output Current Accuracy:
• White Goods
Between Channels: < ±3% (Max)
• Gaming Machines/Entertainment
Between ICs: < ±6% (Max)
• Fast Response of Output Current
The TLC5916/TLC5917 is designed for LED displays and LED lighting applications with constant-current control
and open-load, shorted-load, and overtemperature detection. The TLC5916/TLC5917 contains an 8-bit shift
register and data latches, which convert serial input data into parallel output format. At the output stage, eight
regulated current ports are designed to provide uniform and constant current for driving LEDs within a wide range
of VF variations. Used in system design for LED display applications, e.g., LED panels, it provides great flexibility
and device performance. Users can adjust the output current from 5 mA to 120 mA through an external resistor,
Rext, which gives flexibility in controlling the light intensity of LEDs. The devices are designed for up to 17 V at
the output port. The high clock frequency, 30 MHz, also satisfies the system requirements of high-volume data
transmission.
The TLC5916/TLC5917 provides a Special Mode in which two functions are included, Error Detection and
Current Gain Control. There are two operation modes and three phases: Normal Mode phase, Mode Switching
transition phase, and Special Mode phase. The signal on the multiple function pin OE(ED2) is monitored to
determine the mode. When an one-clock-wide pulse appears on OE(ED2), the device enters the Mode Switching
phase. At this time, the voltage level on LE(ED1) determines the mode to which the TLC5916/TLC5917 switches.
In the Normal Mode phase, the serial data can be transferred into TLC5916/TLC5917 via the pin SDI, shifted in
the shift register, and transferred out via the pin SDO. LE(ED1) can latch the serial data in the shift register to the
output latch. OE(ED2) enables the output drivers to sink current.
In the Special Mode phase, the low-voltage-level signal OE(ED2) can enable output channels and detect the
status of the output current, to determine if the driving current level is sufficient. The detected Error Status is
loaded into the 8-bit shift register and shifted out via the pin SDO, synchronous to the CLK signal. The system
controller can read the error status and determine whether or not the LEDs are properly lit.
In the Special Mode phase, the TLC5916/TLC5917 allows users to adjust the output current level by setting a
runtime-programmable Configuration Code. The code is sent into the TLC5916/TLC5917 via SDI. The positive
pulse of LE(ED1) latches the code in the shift register into a built-in 8-bit configuration latch, instead of the output
latch. The code affects the voltage at the terminal R-EXT and controls the output-current regulator. The output
current can be finely adjusted by a gain ranging from 1/12 to 127/128 in 256 steps. Therefore, the current skew
between ICs can be compensated within less than 1%. This feature is suitable for white balancing in LED color
display panels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5916IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5916IDRG4 TI-TLC5916IDRG4 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results

Similar Description - TLC5916IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1_16 Datasheet
713Kb / 34P
[Old version datasheet]   8-Bit Constant-Current LED Sink Drivers
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com