Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10700461 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 10700461
Description  TOUCH SCREEN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

10700461 Datasheet(HTML) 2 Page - Schurter Inc.

  10700461 Datasheet HTML 1Page - Schurter Inc. 10700461 Datasheet HTML 2Page - Schurter Inc. 10700461 Datasheet HTML 3Page - Schurter Inc. 10700461 Datasheet HTML 4Page - Schurter Inc. 10700461 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Changes that contribute to technical improvement are subject to alternations
2006
Datum
Name
Bearb.
18.08.
Maurer
TOUCH SCREEN
Gepr.
18.08.
Maurer
8,48“, 4-Wire
Vert.
AMT-09536-01
EDV-Datasheet
SPECIFICATIONS OF ANALOG RESISTIVE
PET-ON-GLASS TOUCH SCREEN
don’t change manually
Manufactured by Apex Material Technology Corp.
H
1070.0461
to
chan.
date
name
D 79346 Endingen
page 2 of 5
Index: -
1.3 Input Method and Activation Force
Input Method
Average Activation Force
1.6mm dia. Delrin stylus
0,1 ~ 0,7N
16mm dia. Silicon "finger"
0,1 ~ 0,8 N
2. Typical Optical Characteristics
2.1 Visible Light Transmission:
> 80%
2.2 Haze:
< 13%
3. Electrical Specifications
3.1
Operating Voltage:
5.5V or less
3.2
Contact current:
20mA (maximum)
3.3
Circuit close resistance:
X : 400~1000Ω; Y : 200~650Ω
3.4
Circuit open resistance:
> 10MΩ at 25VDC
3.5
Contact bounce:
< 10ms
3.6
Linear Test :
<1.5 %
3.7
Capacitance:
100nF(maximum)
4. Linearity
4.1
Linear Test Specification
Direction X: <1.5 %
Direction Y: <1.5 %
4.2
Line Test Circuit for Y Coordinate
Add 5V between Y1 and Y2 touch the point C0R0 to C9R9 separately, and measure the voltage from X1
as the following drawing.


Similar Part No. - 10700461

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700463 SCHURTER-10700463 Datasheet
223Kb / 5P
   TOUCHSCREEN
10700464 SCHURTER-10700464 Datasheet
199Kb / 5P
   TOUCH SCREEN
10700465 SCHURTER-10700465 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700466 SCHURTER-10700466 Datasheet
222Kb / 5P
   TOUCHSCREEN
10700467 SCHURTER-10700467 Datasheet
199Kb / 5P
   TOUCH SCREEN
More results

Similar Description - 10700461

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
10700464 SCHURTER-10700464 Datasheet
199Kb / 5P
   TOUCH SCREEN
10700475 SCHURTER-10700475 Datasheet
188Kb / 4P
   TOUCH SCREEN
logo
Power Systems GmbH+Co.K...
F1-05811APA-G0 POWER-SYSTEMS-F1-05811APA-G0 Datasheet
246Kb / 2P
   TOUCH SCREEN
logo
Schurter Inc.
10700469 SCHURTER-10700469 Datasheet
236Kb / 4P
   TOUCH SCREEN
10700474 SCHURTER-10700474 Datasheet
188Kb / 4P
   TOUCH SCREEN
10700451 SCHURTER-10700451 Datasheet
145Kb / 4P
   TOUCH SCREEN
10700456 SCHURTER-10700456 Datasheet
118Kb / 4P
   TOUCH SCREEN
10700467 SCHURTER-10700467 Datasheet
199Kb / 5P
   TOUCH SCREEN
10700453 SCHURTER-10700453 Datasheet
221Kb / 4P
   TOUCH SCREEN
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com