Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRS222 Datasheet(PDF) 4 Page - Texas Instruments

Part # TRS222
Description  5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS222 Datasheet(HTML) 4 Page - Texas Instruments

  TRS222 Datasheet HTML 1Page - Texas Instruments TRS222 Datasheet HTML 2Page - Texas Instruments TRS222 Datasheet HTML 3Page - Texas Instruments TRS222 Datasheet HTML 4Page - Texas Instruments TRS222 Datasheet HTML 5Page - Texas Instruments TRS222 Datasheet HTML 6Page - Texas Instruments TRS222 Datasheet HTML 7Page - Texas Instruments TRS222 Datasheet HTML 8Page - Texas Instruments TRS222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
DRIVER SECTION
Electrical Characteristics
(1)
Switching Characteristics
(1)
TRS222
5-V DUAL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS813 – JULY 2007
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VOH
High-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = GND
5
8
V
VOL
Low-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = VCC
–5
–8
V
Driver high-level input current
DIN = VCC
5
40
IIH
μA
Control high-level input current
SHDN = VCC
0.01
1
Driver low-level input current
DIN = 0 V
–5
–40
IIL
μA
Control low-level input current
SHDN = 0 V
–0.01
–1
IOS
Short-circuit output current(3)
VCC = 5.5 V,
VO = 0 V
±7
±22
mA
Ioff
Output leakage current
VCC = 5.5 V, SHDN = GND,
VO = ±10 V
±0.01
±10
μA
ro
Output resistance
VCC, V+, and V– = 0 V,
VO = ±2 V
300
10 M
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
(3)
Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one
output should be shorted at a time.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
CL = 1000 pF,
RL = 3 kΩ,
Data rate
200
kbit/s
One DOUT switching,
See Figure 1
Propagation delay time,
tPLH(D)
See Figure 1
1.5
3.5
μs
low- to high-level output
Propagation delay time,
tPHL(D)
See Figure 1
1.3
3.5
μs
high- to low-level output
tPHL(D)
Driver (+ to –) propagation
300
ns
tPLH(D)
delay difference
CL = 150 pF to 2500 pF,
RL = 3 kΩ to 7 kΩ,
tsk(p)
Pulse skew(3)
300
ns
See Figure 2
Slew rate, transition region
CL = 50 pF to 2500 pF,
RL = 3 kΩ to 7 kΩ,
SR(tr)
6
12
30
V/
μs
(see Figure 1)
VCC = 5 V
Driver output enable time
tET
250
μs
(after SHDN goes high)
Driver output disable time
tDT
300
ns
(after SHDN goes low)
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
4
Submit Documentation Feedback


Similar Part No. - TRS222

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TRS2 TRACOPOWER-TRS2 Datasheet
902Kb / 4P
   DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
TRS2-0910 TRACOPOWER-TRS2-0910 Datasheet
902Kb / 4P
   DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
TRS2-0911 TRACOPOWER-TRS2-0911 Datasheet
902Kb / 4P
   DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
TRS2-0912 TRACOPOWER-TRS2-0912 Datasheet
902Kb / 4P
   DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
TRS2-0913 TRACOPOWER-TRS2-0913 Datasheet
902Kb / 4P
   DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
More results

Similar Description - TRS222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS202E TI-TRS202E Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com