Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54291PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54291PWPR
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54291PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS54291PWPR Datasheet HTML 1Page - Texas Instruments TPS54291PWPR Datasheet HTML 2Page - Texas Instruments TPS54291PWPR Datasheet HTML 3Page - Texas Instruments TPS54291PWPR Datasheet HTML 4Page - Texas Instruments TPS54291PWPR Datasheet HTML 5Page - Texas Instruments TPS54291PWPR Datasheet HTML 6Page - Texas Instruments TPS54291PWPR Datasheet HTML 7Page - Texas Instruments TPS54291PWPR Datasheet HTML 8Page - Texas Instruments TPS54291PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TPS54290, TPS54291, TPS54292
SLUS973 – OCTOBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
ORDERABLE
OPERATING
PACKING
PACKING
TJ
DEVICE
FREQUENCY
PACKAGE
MEDIA
QUANTITY
NUMBER
(kHz)
TPS54290PWP
Tube
90
300
TPS54290PWPR
Tape and Reel
2500
TPS54291PWP
Tube
90
16-Pin
–40°C to 145°C
600
HTTSOP
TPS54291PWPR
Tape and Reel
2500
TPS54292PWP
Tube
90
1200
TPS54292PWPR
Tape and Reel
2500
ABSOLUTE MAXIMUM RATINGS (operating in a typical application circuit)
over operating free-air temperature range, all voltages are with respect to GND (unless otherwise noted)
VALUE
UNIT
PVDD1, PVDD2, EN1, EN2
–0.3 to 20
SW1, SW2
–1 to 20
BOOT1, BOOT2
–0.3 to SW+7
V
SW1, SW2 transient (< 50 ns)
–3 to 20
BP
7
FB1, FB2
–0.3 to 3
Operating junction temperature
–40 to 145
Storage junction temperature
–55 to 155
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
PACKAGE DISSIPATION RATINGS
(1) (2) (3)
THERMAL IMPEDANCE
TA = 25°C
TA = 85°C
PACKAGE
JUNCTION TO THERMAL PAD
POWER RATING
POWER RATING
16 Pin HTSSOP (PWP)
2.07°/W
1.6 W
1.0 W
(1)
For more information on the PWP package, refer to TI technical brief (SLMA002A)
(2)
TI device packages are modeled and tested for thermal performance using PWB designs outlined in JEDEC standards JESD 51-3 and
JESD 51-7.
(3)
For Application information see Power Derating section
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VDD
Input voltage
4.5
18
V
TJ
Junction temperature
–40
125
°C
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
PARAMETER
MIN
UNIT
Human Body Model
2k
V
CDM
1.5k
V
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54291PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54291PWPR TI-TPS54291PWPR Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54291PWPR TI1-TPS54291PWPR Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54291PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com