Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2PCIE2212 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS2PCIE2212
Description  PCI Express??SIGNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS2PCIE2212 Datasheet(HTML) 1 Page - Texas Instruments

  TS2PCIE2212 Datasheet HTML 1Page - Texas Instruments TS2PCIE2212 Datasheet HTML 2Page - Texas Instruments TS2PCIE2212 Datasheet HTML 3Page - Texas Instruments TS2PCIE2212 Datasheet HTML 4Page - Texas Instruments TS2PCIE2212 Datasheet HTML 5Page - Texas Instruments TS2PCIE2212 Datasheet HTML 6Page - Texas Instruments TS2PCIE2212 Datasheet HTML 7Page - Texas Instruments TS2PCIE2212 Datasheet HTML 8Page - Texas Instruments TS2PCIE2212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
J
H
G
F
E
D
C
B
A
8
2 3 4 5 6
5mm
9
1
7
5 mm
ZAHPACKAGE
(BOTTOMVIEW)
TS2PCIE2212
PCI Express™ SIGNAL SWITCH
SCDS209 – JUNE 2006
Offers Bandwidth Allocation of PCI Express™
Excellent Differential Skew (5 ps Max)
Signal Using Two-Lane 1:2
Minimal Propagation Delay
Multiplexer/Demultiplexer
ESD Performance Tested Per JESD 22
Vcc Operating Range From 1.7 V to 1.9 V
– 2000-V Human-Body Model
Supports Data Rates of 2.5 Gbps
(A114-B, Class II)
Port-Port Crosstalk (–39 dB at 1.25 GHz)
– 1000-V Charged-Device Model (C101)
OFF Port Isolation (–38 dB at 1.25 GHz)
Low ON-State Resistance (10
Ω Typ)
Low Input/Output Capacitance (3.5 pF Typ)
The TS2PCIE2212 can be used to muxltiplex/demultiplex two PCI Express™ lanes, each representing
differential pairs of receive (RX) and transmit (TX) signals. The switch operates at the PCI Express bandwidth
standard of 2.5-Gbps signal-processing speed. The device is composed of two banks, with each bank
accommodating two sources (source A and source B) and two destinations (destination A and destination B).
When a logic-level low is applied to the control (CTRL) pin, source A is connected to destination A and source B
is connected to destination B. When a logic-level high is applied to CTRL, source A is connected to destination
B, while source B and destination A are open.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
0
°C to 85°C
BGA – ZAH
Tape and reel
TS2PCIE2212ZAHR
TERMINAL ASSIGNMENTS
1
2
3
4
5
6
7
8
9
A
CTRL0
TxSB:0P
TxSA:0P
GND
TxDA:0P
TxDB:0P
NC
B
RxSA:0P
GND
TxSB:0N
TxSA:0N
VDD
TxDA:0N
TxDB:0N
GND
RxDA:0P
C
RxSA:0N
RxDA:0N
D
RxSB:0P
RxSB:0N
RxDB:0N
RxDB:0P
E
GND
VDD
VDD
GND
F
TxSA:1P
TxSA:1N
TxDA:1N
TxDA:1P
G
TxSB:1N
TxDB:1N
H
TxSB:1P
GND
RxSA:1N
RxSB:1N
VDD
RxDB:1N
RxDA:1N
GND
TxDB:1P
J
NC
RxSA:1P
RXSB:1P
GND
RXDB:1P
RxDA:1P
CTRL1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PCI Express is a trademark of PCI-SIG.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS2PCIE2212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS2PCIE2212 TI-TS2PCIE2212 Datasheet
202Kb / 12P
[Old version datasheet]   PCI Express SIGNAL SWITCH
TS2PCIE2212ZAHR TI-TS2PCIE2212ZAHR Datasheet
202Kb / 12P
[Old version datasheet]   PCI Express SIGNAL SWITCH
More results

Similar Description - TS2PCIE2212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS2PCIE2212 TI-TS2PCIE2212 Datasheet
202Kb / 12P
[Old version datasheet]   PCI Express SIGNAL SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
   PCI Express Gen3 Switch
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
   PCI Express Gen3 Switch
PEX8734 AVAGO-PEX8734 Datasheet
556Kb / 5P
   PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
   PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
   PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
   PCI Express Gen3 Switch
logo
Pericom Semiconductor C...
PI7C9X20508GPBNDE PERICOM-PI7C9X20508GPBNDE Datasheet
532Kb / 81P
   PCI EXPRESS PACKET SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
   PCI Express Gen3 Switch
logo
PLX Technology
PEX8524 PLX-PEX8524 Datasheet
859Kb / 4P
   Flexible & Versatile PCI Express Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com