Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2PCIE2212ZAHR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS2PCIE2212ZAHR
Description  PCI Express??SIGNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS2PCIE2212ZAHR Datasheet(HTML) 4 Page - Texas Instruments

  TS2PCIE2212ZAHR Datasheet HTML 1Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 2Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 3Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 4Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 5Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 6Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 7Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 8Page - Texas Instruments TS2PCIE2212ZAHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
TS2PCIE2212
PCI Express™ SIGNAL SWITCH
SCDS209 – JUNE 2006
over recommended operating free-air temperature range (unless otherwise noted)
TA = 0°C to 85°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
VIK
Control inputs
VDD = 1.7 V,
IIN = –18 mA
–1.8
V
IIN
Control inputs
VDD = 1.9 V,
VIN = VDD or GND
±1
µA
VO = 0 to 1.9 V,
IOZ
VDD = 1.9 V,
Switch OFF
±5
µA
VI = 0,
VDD = 1.9 V,
ICC
II/O = 0,
Switch ON or OFF
160
300
µA
VIN = VDD or GND,
Cin
Control inputs
VDD = 1.9 V,
VIN = VDD or GND
0.5
1.0
pF
CIO(OFF) SB or DA port
VI/O = 0 V,
Switch OFF
1.4
1.5
pF
CIO(ON)
VI/O = 0 V,
Switch ON
3.5
4
pF
VDD = 1.7 V,
VI = 0 V,
IO = 10 mA
10
14
ron
VDD = 1.7 V,
VI = 1.5 V,
IO = –10 mA
12
17
∆r
on(flat)
VDD = 1.7 V,
IO = 10 mA,
VI = 1.5 V ± 0.4 V
2.5
5
over recommended operating free-air temperature range (unless otherwise noted)
TA = 0°C to 85°C
PARAMETER
DESCRIPTION
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DR
Data rate per TX or RX pair
2.5
Gbps
tpd
Propagation delay, Sx to Dx
See Figure 7
250
ps
tsk
Intra-pair skew
f =1.25 GHz, See Figure 7
5
ps
ten (tPZL, tPZH)
Switch turn-on delay, CTRL to DA
See Figure 6
5
ns
tdis (tPLZ, tPHZ)
Switch turn-off delay, CTRL to DA
See Figure 6
2.5
ns
f =1.25 GHz, RLOAD = 50 Ω,
ILOSS
Differential insertion loss
–2.5
–3.2
dB
See Figure 1
f =1.25 GHz, RLOAD = 50 Ω,
RLOSS
Differential return loss
–7.2
–9.5
dB
See Figure 2
f =1.25 GHz, RLOAD = 50 Ω,
ILOSS(CM)
Common-mode insertion loss
–2
dB
See Figure 3
f =1.25 GHz, RLOAD = 50 Ω,
OIFF
Differential OFF isolation
–33
–38
dB
See Figure 4
f =1.25 GHz, RLOAD = 50 Ω,
XTALK
Differential crosstalk
–33
–39
dB
See Figure 5
4
Submit Documentation Feedback


Similar Part No. - TS2PCIE2212ZAHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS2PCIE2212ZAHR TI-TS2PCIE2212ZAHR Datasheet
202Kb / 12P
[Old version datasheet]   PCI Express SIGNAL SWITCH
More results

Similar Description - TS2PCIE2212ZAHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS2PCIE2212 TI-TS2PCIE2212 Datasheet
202Kb / 12P
[Old version datasheet]   PCI Express SIGNAL SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
   PCI Express Gen3 Switch
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
   PCI Express Gen3 Switch
PEX8734 AVAGO-PEX8734 Datasheet
556Kb / 5P
   PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
   PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
   PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
   PCI Express Gen3 Switch
logo
Pericom Semiconductor C...
PI7C9X20508GPBNDE PERICOM-PI7C9X20508GPBNDE Datasheet
532Kb / 81P
   PCI EXPRESS PACKET SWITCH
logo
AVAGO TECHNOLOGIES LIMI...
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
   PCI Express Gen3 Switch
logo
PLX Technology
PEX8524 PLX-PEX8524 Datasheet
859Kb / 4P
   Flexible & Versatile PCI Express Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com