Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM302 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM302
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM302 Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM302 Datasheet HTML 1Page - Rectron Semiconductor FM302 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.24 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FM301
THRU
FM307
DO-214AB
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
SURFACE MOUNT
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
GLASS PASSIVATED SILICON RECTIFIER
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Measured at 1.0 MHz and applied average voltage of 4.0VDC
2. Thermal resistance junction to terminal, 10.0X10.0mm2 copper pads to each terminal.
3. Thermal resistance junction to ambient, 10.0X10.0mm2 copper pads to each terminal.
Dimensions in inches and (millimeters)
1998-8
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current TA = 75
oC
Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Amps
3.0
150
35
-65 to + 175
0 C/ W
pF
0 C
UNITS
Volts
Volts
Typical Thermal Resistance
FM301
FM303
FM302
FM304
FM306
FM305
FM307
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
10
Volts
Amps
60
0 C/ W
(Note 2) R
θJL
(Note 3) R
θJA
CHARACTERISTICS
VF
SYMBOL
IR
1.1
150
uAmps
uAmps
Maximum Full Load Reverse Current,
Maximum Forward Voltage at 3.0A DC
Volts
UNITS
Maximum DC Average Reverse Current at
Rated DC Blocking Voltage
@TA = 25
oC
@TA = 125
oC
FM301
FM303
FM302
FM304
FM306
FM305
FM307
5.0
Full cycle Average at TA=75
oC
uAmps
30
0.006 (0.152)
0.012 (0.305)
0.008 (0.203)
0.004 (0.102)
0.320 (8.13)
0.305 (7.75)
0.030 (0.76)
0.060 (1.52)
0.079 (2.06)
0.103 (2.62)
0.260 (6.60)
0.280 (7.11)
0.220 (5.59)
0.245 (6.22)
0.125 (3.17)
0.115 (2.92)
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0


Similar Part No. - FM302

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM302 FORMOSA-FM302 Datasheet
68Kb / 2P
   Glass passivated type
FM302-BS FORMOSA-FM302-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
logo
Power-One
FM3020-7 POWER-ONE-FM3020-7 Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Rectron Semiconductor
FM302B RECTRON-FM302B Datasheet
29Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
FM302L RECTRON-FM302L Datasheet
319Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
More results

Similar Description - FM302

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM301B RECTRON-FM301B Datasheet
29Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
FFM301 RECTRON-FFM301 Datasheet
24Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
HFM301 RECTRON-HFM301 Datasheet
284Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
FM201C RECTRON-FM201C Datasheet
30Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FM201 RECTRON-FM201 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
FM301L RECTRON-FM301L Datasheet
319Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere
FR301G RECTRON-FR301G Datasheet
238Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
RL801K RECTRON-RL801K Datasheet
189Kb / 3P
   GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
RL1601C RECTRON-RL1601C Datasheet
26Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 16 Amperes)
logo
Wing Shing Computer Com...
1N5400 WINGS-1N5400 Datasheet
278Kb / 2P
   SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com