Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A1066DBVRE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TS5A1066DBVRE4
Description  10-W SPST ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A1066DBVRE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5A1066DBVRE4 Datasheet HTML 7Page - Texas Instruments TS5A1066DBVRE4 Datasheet HTML 8Page - Texas Instruments TS5A1066DBVRE4 Datasheet HTML 9Page - Texas Instruments TS5A1066DBVRE4 Datasheet HTML 10Page - Texas Instruments TS5A1066DBVRE4 Datasheet HTML 11Page - Texas Instruments TS5A1066DBVRE4 Datasheet HTML 12Page - Texas Instruments TS5A1066DBVRE4 Datasheet HTML 13Page - Texas Instruments TS5A1066DBVRE4 Datasheet HTML 14Page - Texas Instruments TS5A1066DBVRE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
TYPICAL PERFORMANCE
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
VCC = 1.65 V
VCOM (V)
VCC = 2.3 V
VCC = 3 V
VCC = 4.5 V
0
1
2
3
4
5
6
7
8
9
V+ = 4.5 V
855C
255C
–405C
VCOM (V)
0
0.5
1 1.5
2
2.5
3
3.5
4
4.5
5
0
2
4
6
8
10
12
14
VCOM V
V+ = 3 V
855C
255C
–405C
0
0.5
1
1.5
2
2.5
3
3.5
TS5A1066
10-
Ω SPST ANALOG SWITCH
SCDS185B – JANUARY 2005 – REVISED APRIL 2006
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM (V+ = 3 V)
Figure 3. ron vs VCOM (V+ = 5 V)
11
Submit Documentation Feedback


Similar Part No. - TS5A1066DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A1066DBVR TI-TS5A1066DBVR Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
More results

Similar Description - TS5A1066DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A2066 TI-TS5A2066 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com