Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A23157DGSTE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TS5A23157DGSTE4
Description  DUAL 10-廓 SPDT ANALOG SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A23157DGSTE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS5A23157DGSTE4 Datasheet HTML 3Page - Texas Instruments TS5A23157DGSTE4 Datasheet HTML 4Page - Texas Instruments TS5A23157DGSTE4 Datasheet HTML 5Page - Texas Instruments TS5A23157DGSTE4 Datasheet HTML 6Page - Texas Instruments TS5A23157DGSTE4 Datasheet HTML 7Page - Texas Instruments TS5A23157DGSTE4 Datasheet HTML 8Page - Texas Instruments TS5A23157DGSTE4 Datasheet HTML 9Page - Texas Instruments TS5A23157DGSTE4 Datasheet HTML 10Page - Texas Instruments TS5A23157DGSTE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY
TS5A23157
www.ti.com ................................................................................................................................................................ SCDS165D – MAY 2004 – REVISED MAY 2008
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN TYP(1)
MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO, VNC
0
≤ VNO or VNC ≤ V+,
Switch ON,
ON-state resistance
ron
Full
1.65 V
140
ICOM = –4 mA,
See Figure 10
ON-state resistance
VNO or VNC = 1.15 V,
Switch ON,
match between
Δron
25
°C
1.65 V
1
ICOM = –4 mA,
See Figure 10
channels
ON-state resistance
0
≤ VNO or VNC ≤ V+,
Switch ON,
ron(flat)
25
°C
1.65 V
110
flatness
ICOM = –4 mA,
See Figure 10
25
°C
–1
0.05
1
NC, NO
INC(OFF),
VNC or VNO = 0 to V+,
Switch OFF,
1.95 V
µA
OFF leakage current
INO(OFF)
VCOM = 0 to V+,
See Figure 11
Full
–1
1
25
°C
–0.1
0.1
NC, NO
INC(ON),
VNC or VNO = 0 to V+,
Switch ON,
1.95 V
µA
ON leakage current
INO(ON)
VCOM = Open,
See Figure 11
Full
–1
1
25
°C
–0.1
0.1
COM
VNC or VNO = Open,
Switch ON,
ICOM(ON)
1.95 V
µA
ON leakage current
VCOM = 0 to V+,
See Figure 11
Full
–1
1
Digital Inputs (IN12, IN2)(2)
V+
Input logic high
VIH
Full
V
× 0.75
V+
Input logic low
VIL
Full
V
× 0.25
25
°C
–1
0.05
1
Input leakage current
IIH, IIL
VIN = 5.5 V or 0
1.95 V
µA
Full
–1
1
Dynamic
VNC = GND and VNO = V+
RL = 500 Ω,
1.65 V
Turn-on time
tON
or
CL = 50 pF,
Full
to
7
24
ns
VNC = V+ and VNO = GND, See Figure 13
1.95 V
VNC = GND and VNO = V+
RL = 500 Ω,
1.65 V
Turn-off time
tOFF
or
CL = 50 pF,
Full
to
3
13
ns
VNC = V+ and VNO = GND, See Figure 13
1.95 V
1.65 V
Break-before-make
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
Full
to
0.5
ns
time
RL = 50 Ω,
See Figure 14
1.95 V
Switch ON,
Bandwidth
BW
RL = 50 Ω,
25
°C
1.8 V
220
MHz
See Figure 15
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
1.8 V
–60
dB
f = 10 MHz,
See Figure 16
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
1.8 V
–66
dB
f = 10 MHz,
See Figure 17
f = 600 Hz to
Total harmonic
RL = 600 Ω,
THD
20 kHz,
25
°C
1.8 V
0.015
%
distortion
CL = 50 pF,
See Figure 19
Supply
25
°C
1
Positive supply
I+
VIN = V+ or GND,
Switch ON or OFF
1.95 V
µA
current
Full
10
Change in
ΔI+
VIN = V+ – 0.6 V
Full
1.95 V
500
µA
supply current
(1)
TA = 25°C
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS5A23157


Similar Part No. - TS5A23157DGSTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23157DGSR TI-TS5A23157DGSR Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
More results

Similar Description - TS5A23157DGSTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com