Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78421A1639A003 Datasheet(PDF) 3 Page - EPCOS

Part # B78421A1639A003
Description  ADSL low pass filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78421A1639A003 Datasheet(HTML) 3 Page - EPCOS

  B78421A1639A003_1 Datasheet HTML 1Page - EPCOS B78421A1639A003_1 Datasheet HTML 2Page - EPCOS B78421A1639A003_1 Datasheet HTML 3Page - EPCOS B78421A1639A003_1 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
10/08
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets.
– Particular attention should be paid to the derating curves given there.
– The soldering conditions should also be observed. Temperatures quoted in relation to wave
soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used,
or on glued joints. In particular, it is possible for washing varnish agent residues to have a
negative effect in the long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
– Many potting materials shrink as they harden. They therefore exert a pressure on the plastic
housing or core. This pressure can have a deleterious effect on electrical properties, and in
extreme cases can damage the core or plastic housing mechanically.
– It is necessary to check whether the potting material used attacks or destroys the wire
insulation, plastics or glue.
– The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B78421A1639A003_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78421A1639A003 EPCOS-B78421A1639A003 Datasheet
68Kb / 2P
   xDSL Transformers ADSL Filter chokes
More results

Similar Description - B78421A1639A003_1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78417A1744A003 EPCOS-B78417A1744A003_1 Datasheet
91Kb / 4P
   ADSL low pass filter
B78417A1706A003 EPCOS-B78417A1706A003_1 Datasheet
107Kb / 5P
   ADSL low pass filter
B78417A1822A003 EPCOS-B78417A1822A003 Datasheet
90Kb / 4P
   ADSL low pass filter
B78417A1744A003 EPCOS-B78417A1744A003 Datasheet
39Kb / 2P
   ADSL Low Pass Filter
B78417A1838A003 EPCOS-B78417A1838A003 Datasheet
91Kb / 4P
   ADSL low pass filter
B78417A1706A003 EPCOS-B78417A1706A003 Datasheet
54Kb / 2P
   xDSL Applications ADSL Low Pass Filter
logo
Pulse A Technitrol Comp...
B2039A PULSE-B2039A Datasheet
89Kb / 1P
   ADSL POTS LOW PASS FILTER FOR CUSTOMER PREMISES
logo
Bothhand USA, LP.
AD-3163C BOTHHAND-AD-3163C Datasheet
85Kb / 1P
   ADSL POTS LOW PASS FILTERS
logo
Micro Electronics
PAI-1801 MICRO-ELECTRONICS-PAI-1801 Datasheet
165Kb / 1P
   COUPLED INDUCTORS FOR USE IN ADSL POTS LOW PASS FILTER
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com