Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKR1.000D40 Datasheet(PDF) 5 Page - EPCOS

Part # AKR1.000D40
Description  Pressure sensors AK2 series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AKR1.000D40 Datasheet(HTML) 5 Page - EPCOS

  AKR1.000D40 Datasheet HTML 1Page - EPCOS AKR1.000D40 Datasheet HTML 2Page - EPCOS AKR1.000D40 Datasheet HTML 3Page - EPCOS AKR1.000D40 Datasheet HTML 4Page - EPCOS AKR1.000D40 Datasheet HTML 5Page - EPCOS AKR1.000D40 Datasheet HTML 6Page - EPCOS AKR1.000D40 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pressure sensors
Gauge pressure transducers
AK2 series
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 5 of 7
Important notes at the end of this document.
Symbols and terms
1)
Storage temperature range Tst
A storage of the pressure sensor within the temperature range Tst,min up to Tst,max
and without applied pressure and supply voltage will not affect the performance of the pressure sensor.
2)
Operating temperature range Ta
An operation of the pressure sensor within the temperature range Ta,min up to Ta,max
will not affect the performance of the pressure sensor.
3)
Rated pressure pr
Within the rated pressure range 0 up to pr the signal output characteristic corresponds to this specification.
4)
Overpressure pOV
Pressure cycles within the pressure range 0 up to pov will not affect the performance of the pressure sensor.
5)
Supply voltage VDD
VDD,max is the maximum permissible supply voltage, which can be applied without damages.
The output voltage Vout is ratiometric (Vout ~ VDD).
6)
Offset V0
The offset V0 is the signal output Vout(p = 0) at zero pressure.
7)
Sensitivity S
Within the pressure range 0 up to pr the output voltage is Vout(px) = V0 + S · px
8)
Nonlinearity L (including pressure hysteresis)
The nonlinearity is the deviation of the real sensor characteristic Vout = f(p) from the ideal straight line.
It can be approximated by a polynomial of second order, with the maximum at px = pr / 2 .
The equation to calculate the nonlinearity is:
r
x
0
r
out
0
x
out
p
p
V
)
p
(
V
V
)
p
(
V
L
=
9)
Temperature hysteresis
The temperature hysteresis is the change of offset, starting from the value at 25 °C after a temperature change
and return to 25 °C. Determined during temperature cycles in operating temperature range (cycles with 1 K/min).
(Full Scale): FS = VFS = S · pr
10) Temperature coefficients of the bridge resistance α
α
α
αRS, β
β
β
βRS
Bridge resistance at temperature Tx: RS(Tx) = RS(25 °C) · [ 1 + αRS · (Tx – 25 °C) + βRS · (Tx – 25 °C)
2 ]
Values are valid within the operating temperature range Ta,min up to Ta,max
Out of the operating temperature range, the deviation may increase.
11) Temperature coefficients of the sensitivity α
α
α
αS, β
β
β
βS
Sensitivity at temperature Tx: S(Tx) = S(25 °C) · [ 1 + αS · (Tx – 25 °C) + βS · (Tx – 25 °C)
2 ]
Values are valid within the operating temperature range Ta,min up to Ta,max
Out of the operating temperature range, the deviation may increase.
12) Temperature coefficient of offset TCV
0
Offset at temperature Tx: V0(Tx) = V0(25 °C) + TCV0 · (Tx – 25 °C) · VDD
Values are valid within the operating temperature range Ta,min up to Ta,max
Out of the operating temperature range, the deviation may increase.


Similar Part No. - AKR1.000D40

ManufacturerPart #DatasheetDescription
logo
LEM
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
   AC Current transducer
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
   AC Current transducer
AKR-C420L LEM-AKR-C420L_16 Datasheet
387Kb / 3P
   AC Current Transducer
AKR200B420L LEM-AKR200B420L Datasheet
223Kb / 2P
   AC Current transducer
AKR200C420L LEM-AKR200C420L Datasheet
127Kb / 2P
   AC Current transducer
More results

Similar Description - AKR1.000D40

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com