Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25620B0267K881 Datasheet(PDF) 7 Page - EPCOS

Part # B25620B0267K881
Description  Film capacitors- Power electronic capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25620B0267K881 Datasheet(HTML) 7 Page - EPCOS

Back Button B25620B0267K881 Datasheet HTML 2Page - EPCOS B25620B0267K881 Datasheet HTML 3Page - EPCOS B25620B0267K881 Datasheet HTML 4Page - EPCOS B25620B0267K881 Datasheet HTML 5Page - EPCOS B25620B0267K881 Datasheet HTML 6Page - EPCOS B25620B0267K881 Datasheet HTML 7Page - EPCOS B25620B0267K881 Datasheet HTML 8Page - EPCOS B25620B0267K881 Datasheet HTML 9Page - EPCOS B25620B0267K881 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Film capacitors – Power electronic capacitors
MKP PEC DC
B2562*
Preliminary data
FK PEC
June 2010
Page 7 of 10
.
Technical data and ordering codes
Capacitance tolerance
±10%
tan o
2
10-4
tan (100 Hz)
1
10-3
Θstg
–55 ... +85 °C
tLD
100 000 h
VR
V DC
CR
F
Ordering code
Imax
A
Rs
m
Lself
nH
Θ
Θ
Θ
Θmax
°C
D
mm
H
mm
160
B25620B0167K881
40
2.2
80
50
75
70
220
B25620B0227K881
50
1.9
60
50
85
70
260
B25620B0267K881
45
2.8
80
50
75
95
260
B25620S0267K881
45
2.8
80
50
85
95
350
B25620B0357K881
50
2.4
60
50
85
95
400
B25620B0407K881
45
3.8
80
50
75
132
440
B25620B0447K882
65
1.5
60
50
116
70
480
B25620B0487K881
55
2.8
60
50
85
120
550
B25620B0557K881
50
3.0
60
50
85
132
700
B25620B0707K882
70
1.7
60
50
116
95
750
B25620B0757K881
55
3.7
60
50
85
173
970
B25620B0977K882
75
1.9
60
50
116
120
1100
B25620B0118K882
75
2.0
60
50
116
132
880
1500
B25620B0158K882
80
2.4
60
50
116
173
100
B25620B1107K101
35
2.5
80
50
75
70
140
B25620B1147K101
45
2.1
60
50
85
70
170
B25620B1177K101
40
3.2
80
50
75
95
230
B25620B1237K101
40
4.1
80
50
75
120
260
B25620B1267K101
40
4.4
80
50
75
132
280
B25620B1287K102
60
1.6
60
50
116
70
310
B25620B1317K101
50
3.2
60
50
85
120
350
B25620B1357K101
40
5.6
80
50
75
173
400
B25620B1407K101
55
2.4
60
50
85
132
420
B25620S1427A101
55
2.2
60
50
85
138
450
B25620B1457K102
65
1.9
60
50
116
95
480
B25620B1487K101
50
4.3
60
50
85
173
610
B25620B1617K102
70
2.2
60
50
116
120
700
B25620B1707K102
70
2.3
60
50
116
132
940
B25620B1947K102
70
1.6
60
50
116
173
1100
B25620B1118K103
80
1.5
100
50
116
223
1100
1100
B25620S1118K103
80
1.5
100
50
116
230


Similar Part No. - B25620B0267K881

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25620B0268K703 TDK-B25620B0268K703 Datasheet
1Mb / 29P
   Film Capacitors - Power Electronic Capacitors
July 2022
More results

Similar Description - B25620B0267K881

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com