Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8574AN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574AN
Description  REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8574AN Datasheet(HTML) 5 Page - Texas Instruments

  PCF8574AN Datasheet HTML 1Page - Texas Instruments PCF8574AN Datasheet HTML 2Page - Texas Instruments PCF8574AN Datasheet HTML 3Page - Texas Instruments PCF8574AN Datasheet HTML 4Page - Texas Instruments PCF8574AN Datasheet HTML 5Page - Texas Instruments PCF8574AN Datasheet HTML 6Page - Texas Instruments PCF8574AN Datasheet HTML 7Page - Texas Instruments PCF8574AN Datasheet HTML 8Page - Texas Instruments PCF8574AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
Electrical Characteristics
I2C Interface Timing Requirements
PCF8574A
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
SCPS069D – JULY 2001 – REVISED OCTOBER 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
2.5 V to 6 V
–1.2
V
VPOR
Power-on reset voltage(2)
VI = VCC or GND,
IO = 0
6 V
1.3
2.4
V
IOH
P port
VO = GND
2.5 V to 6 V
30
300
µA
IOHT
P-port transient pullup current
High during acknowledge, VOH = GND
2.5 V
–1
mA
SDA
VO = 0.4 V
2.5 V to 6 V
3
IOL
P port
VO = 1 V
5 V
10
25
mA
INT
VO = 0.4 V
2.5 V to 6 V
1.6
SCL, SDA
±5
II
INT
VI = VCC or GND
2.5 V to 6 V
±5
µA
A0, A1, A2
±5
IIHL
P port
VI ≥ VCC or VI ≤ GND
2.5 V to 6 V
±400
µA
Operating mode
VI = VCC or GND,
IO = 0, fSCL = 100 kHz
40
100
ICC
6 V
µA
Standby mode
VI = VCC or GND,
IO = 0
2.5
10
Ci
SCL
VI = VCC or GND
2.5 V to 6 V
1.5
7
pF
SDA
3
7
Cio
VIO = VCC or GND
2.5 V to 6 V
pF
P port
4
10
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
The power-on reset circuit resets the I2C-bus logic with VCC < VPOR and sets all I/Os to logic high (with current source to VCC).
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
MIN
MAX
UNIT
fscl
I2C clock frequency
100
kHz
tsch
I2C clock high time
4
µs
tscl
I2C clock low time
4.7
µs
tsp
I2C spike time
100
ns
tsds
I2C serial-data setup time
250
ns
tsdh
I2C serial-data hold time
0
ns
ticr
I2C input rise time
1
µs
ticf
I2C input fall time
0.3
µs
tocf
I2C output fall time (10-pF to 400-pF bus)
300
ns
tbuf
I2C bus free time between stop and start
4.7
µs
tsts
I2C start or repeated start condition setup
4.7
µs
tsth
I2C start or repeated start condition hold
4
µs
tsps
I2C stop-condition setup
4
µs
tvd
Valid-data time
SCL low to SDA output valid
3.4
µs
Cb
I2C bus capacitive load
400
pF
5


Similar Part No. - PCF8574AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCF8574AN TI-PCF8574AN Datasheet
392Kb / 16P
[Old version datasheet]   REMOTE 8BIT I/O EXPANDER FOR I2C BUS
PCF8574AN TI-PCF8574AN Datasheet
771Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574AN TI1-PCF8574AN Datasheet
1Mb / 35P
[Old version datasheet]   Remote 8-Bit I/O Expander
PCF8574ANE4 TI-PCF8574ANE4 Datasheet
771Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574ANE4 TI1-PCF8574ANE4 Datasheet
1Mb / 35P
[Old version datasheet]   Remote 8-Bit I/O Expander
More results

Similar Description - PCF8574AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
[Old version datasheet]   Remote 8-Bit I/O Expander for I2C Bus
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
List of Unclassifed Man...
HLF8574 ETC-HLF8574 Datasheet
1Mb / 12P
   Remote 8-bit I/O expander for I2C-bus
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
   Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI-PCF8574_10 Datasheet
959Kb / 26P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_08 Datasheet
1Mb / 26P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574_02 Datasheet
138Kb / 24P
   Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
PCF8574PN PHILIPS-PCF8574PN Datasheet
132Kb / 24P
   Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com