Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB356W Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB356W
Description  35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB356W Datasheet(HTML) 1 Page - Micro Commercial Components

  MB356W Datasheet HTML 1Page - Micro Commercial Components MB356W Datasheet HTML 2Page - Micro Commercial Components MB356W Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB3505W
THRU
MB3510W
35 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
MB-35W
Features
Mounting Hole For #8 Screw
High Conductivity Metal Case
Any Mounting Position
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB3505W
MB3505W
50V
35V
50V
MB351W
MB351W
100V
70V
100V
MB352W
MB352W
200V
140V
200V
MB354W
MB354W
400V
280V
400V
MB356W
MB356W
600V
420V
600V
MB358W
MB358W
800V
560V
800V
MB3510W
MB3510W
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
35.0A
TC =
55°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.2V
IFM = 17.5A per
element;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10µA
1mA
TJ = 25
°C
TJ = 125
°C
B
C
E
D
AC
+
-
A
AC
G
A
H
D
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.115
1.135
28.33
28.83
B
.427
.447
10.85
11.35
C
.774
.-----
19.65
------
D
.673
.752
17.10
19.10
E
.038
.042
0.96
1.07
4PL/TYP
G
.193
---
4.90
---
H
.429
.469
10.90
11.90
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Maximum Ratings
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
TM
Micro Commercial Components
Revision: 5
2008/01/30
www.mccsemi .com
1 of 3
UL Recognized File # E165989


Similar Part No. - MB356W

ManufacturerPart #DatasheetDescription
logo
Bytes
MB356W BYTES-MB356W Datasheet
151Kb / 2P
   SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB356W DCCOM-MB356W Datasheet
423Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB356W FORMOSA-MB356W Datasheet
34Kb / 2P
   SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
MB356W TAITRON-MB356W Datasheet
145Kb / 4P
   TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
logo
UNIOHM CORPORATION
MB356W UNIOHM-MB356W Datasheet
65Kb / 2P
   SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
More results

Similar Description - MB356W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB3505 MCC-MB3505_16 Datasheet
300Kb / 3P
   35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP3505 MCC-MP3505_15 Datasheet
334Kb / 3P
   35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP3505 MCC-MP3505 Datasheet
309Kb / 2P
   35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
KBPC3500S MCC-KBPC3500S Datasheet
90Kb / 2P
   35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505-BC01 MCC-MB3505-BC01 Datasheet
42Kb / 2P
   35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP3505W MCC-MP3505W_13 Datasheet
199Kb / 3P
   35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505 MCC-MB3505 Datasheet
86Kb / 2P
   35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
   35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC35005 MCC-GBPC35005 Datasheet
417Kb / 3P
   35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com