Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL594CNSR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL594CNSR
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL594CNSR Datasheet(HTML) 5 Page - Texas Instruments

  TL594CNSR Datasheet HTML 1Page - Texas Instruments TL594CNSR Datasheet HTML 2Page - Texas Instruments TL594CNSR Datasheet HTML 3Page - Texas Instruments TL594CNSR Datasheet HTML 4Page - Texas Instruments TL594CNSR Datasheet HTML 5Page - Texas Instruments TL594CNSR Datasheet HTML 6Page - Texas Instruments TL594CNSR Datasheet HTML 7Page - Texas Instruments TL594CNSR Datasheet HTML 8Page - Texas Instruments TL594CNSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
+
-
+
-
VI
Vref
FEEDBACK
Amplifier Under Test
Other Amplifier
TL594
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS052G – APRIL 1988 – REVISED JANUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
V
CC = 15 V, over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
PWM Comparator Section (see Figure 2)
Input threshold voltage, FEEDBACK
Zero duty cycle
4
4.5
V
Input sink current, FEEDBACK
FEEDBACK = 0.5 V
0.3
0.7
mA
Undervoltage Lockout Section (see Figure 2)
TA = 25°C
6
Threshold voltage
V
∆T
A = MIN to MAX
3.5
6.9
Hysteresis(6)
100
mV
Overall Device
VCC = 15 V
9
15
RT at Vref,
Standby supply current
mA
All other inputs and outputs open
VCC = 40 V
11
18
Average supply current
DTC = 2 V, See Figure 2
12.4
mA
(6)
Hysteresis is the difference between the positive-going input threshold voltage and the negative-going input threshold voltage.
V
CC = 15 V, TA = 25°C, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output-voltage rise time
100
200
ns
Common-emitter configuration (see Figure 3)
Output-voltage fall time
30
100
ns
Output-voltage rise time
200
400
ns
Emitter-follower configuration (see Figure 4)
Output-voltage fall time
45
100
ns
Figure 1. Amplifier-Characteristics Test Circuit
5
Submit Documentation Feedback


Similar Part No. - TL594CNSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594CNSR TI-TL594CNSR Datasheet
418Kb / 16P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594CNSR TI-TL594CNSR Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594CNSRE4 TI-TL594CNSRE4 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594CNSRG4 TI-TL594CNSRG4 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

Similar Description - TL594CNSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5001 UTC-TL5001_15 Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com