Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25620B1217K982 Datasheet(PDF) 3 Page - EPCOS

Part # B25620B1217K982
Description  Film capacitors- Power electronic capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25620B1217K982 Datasheet(HTML) 3 Page - EPCOS

  B25620B1217K982 Datasheet HTML 1Page - EPCOS B25620B1217K982 Datasheet HTML 2Page - EPCOS B25620B1217K982 Datasheet HTML 3Page - EPCOS B25620B1217K982 Datasheet HTML 4Page - EPCOS B25620B1217K982 Datasheet HTML 5Page - EPCOS B25620B1217K982 Datasheet HTML 6Page - EPCOS B25620B1217K982 Datasheet HTML 7Page - EPCOS B25620B1217K982 Datasheet HTML 8Page - EPCOS B25620B1217K982 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Film capacitors – Power electronic capacitors
MKP PEC DC
B2562*
Preliminary data
FK PEC
June 2010
Page 3 of 10
.
General Technical Information
The following definitions apply to power capacitors according to IEC 61071.
Rated capacitance CR
Nominal value of the capacitance at 20 °C and measuring frequency range of 50 to 120 Hz.
Rated DC voltage VR
Maximum operating peak voltage of either polarity but of a non-reversing type wave form, for which
the capacitor has been designed, for continuous operation.
Ripple voltage Vr
Peak-to-peak alternating component of the unidirectional voltage.
Maximum surge voltage Vs
Peak voltage induced by a switching or any other disturbance of the system which is allowed for a
limited number of times and duration.
- Maximum duration: 50 ms / pulse
- Maximum number of occurrences: 1000 (during load)
Insulation voltage Vi
Rms rated value of the insulation voltage of capacitive elements and terminals to case or earth. When
it is not specified in the product data sheet, the insulation voltage is at least:
Vi =
2
V
R
Maximum rate of voltage rise (dV/dt)max
Maximum permissible repetitive rate of voltage rise of the operational voltage.
Maximum current Imax
Maximum rms current for continuous operation.
Maximum peak current Î
Maximum permissible repetitive current amplitude during continuous operation.
Maximum peak current (Î) and maximum rate of voltage rise (dV/dt)max on a capacitor are related as
follows:
Î
= C (dV/dt)max
Maximum surge current Î s
Admissible peak current induced by a switching or any other disturbance of the system which is
allowed for a limited number of times (1000 times) and duration (50 ms / pulse).
Îs = C (dV/dt)s
Ambient temperature Θ
Θ
Θ
ΘA
Temperature of the surrounding air, measured at 10 cm distance and 2/3 of the case height of the
capacitor.


Similar Part No. - B25620B1217K982

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25620B1217K983 EPCOS-B25620B1217K983 Datasheet
368Kb / 20P
   Film Capacitors ??Power Electronic Capacitors
logo
TDK Electronics
B25620B1217K983 TDK-B25620B1217K983 Datasheet
652Kb / 23P
   Power Electronic Capacitors
B25620B1217K983 TDK-B25620B1217K983 Datasheet
1Mb / 29P
   Film Capacitors - Power Electronic Capacitors
July 2022
More results

Similar Description - B25620B1217K982

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B25655J4507K005 EPCOS-B25655J4507K005 Datasheet
422Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com