Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC79L08BP-BP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MC79L08BP-BP
Description  Three-Terminal Low Current Negative Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MC79L08BP-BP Datasheet(HTML) 1 Page - Micro Commercial Components

  MC79L08BP-BP Datasheet HTML 1Page - Micro Commercial Components MC79L08BP-BP Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MC79L08BP
Three-Terminal Low
Current Negative
Voltage Regulator
Features
Internal Short Circuit Current Limiting
Internal Thermal Overload Protection
No External Components Required
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Input Voltage
V1
30
V
Operating Junction Temperature
TOPR
-30---+75
oC
Storage Temperature Range
TSTG
-40---+125
oC
Electrical Characteristics( V i=14V, IO=40mA, 0 oC <Tj<125 oC,
C1=0.33uF, CO=0.1uF, unless otherwise specified)
Parameter
Sym
Min
Typ
Max
Test conditions
Output
Voltage
V0
7.68V
8.0V
8.32V
Vi=14V, IO=40mA
Load
Regulation
Vo -IO
10mV
80mV
Io=1mA-100mA,
Vi=14V
Line
regulation
Vo -Vi
24mV
175mV
10.5V
Vi
23V,
IO=40mA
Quiescent
Current
Iq
3.5mA
6.0mA
Vi=14V, IO=40mA
Output Noise
Voltage
VN
190
µV
10Hz
f
100KHz
Vi=14V, IO=40mA
Ripple
Rejection
RR
39dB
68dB
11V
V1
21V,
IO=40mA
f=120Hz, Tj=25
oC
eiN=1VP-P
*Note: Bypass Capacitors are recommended for optimum stability and
transient response and should be located as close as possible to the
regulators
TO-92
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.46
4.70
C
.500
---
12.7
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
G
.095
.105
2.42
2.67
A
E
B
C
D
G
DIMENSIONS
1
2
3
1. GND
2. IN
3. OUT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
MC79L08BP
Input
Cin
0.33µF
CO
Output
0.1
µF
Typical Application:
Revision: 2
2008/02/01
TM
Micro Commercial Components
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Case Material:Molded Plastic. UL Flammability
Classificatio Rating 94-0 and MSL Rating 1
www.mccsemi.com
1 of 2


Similar Part No. - MC79L08BP-BP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC79L08BP-BP MCC-MC79L08BP-BP Datasheet
217Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
More results

Similar Description - MC79L08BP-BP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_13 Datasheet
232Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_09 Datasheet
132Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15F MCC-MC78L15F Datasheet
174Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08BP MCC-MC79L08BP_11 Datasheet
217Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L15BP MCC-MC79L15BP Datasheet
478Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F Datasheet
81Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com