Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222A-TP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBT2222A-TP
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT2222A-TP Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBT2222A-TP Datasheet HTML 1Page - Micro Commercial Components MMBT2222A-TP Datasheet HTML 2Page - Micro Commercial Components MMBT2222A-TP Datasheet HTML 3Page - Micro Commercial Components MMBT2222A-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBT2222A
MCC
Revision: 8
2010/02/10
TM
Micro Commercial Components
1000
10
20
30
50
70
100
200
300
500
700
1.0 k
0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
5.0 7.0
10
20
30
50 70 100
200
300
500 700
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
TJ = 125°C
25°C
−55°C
VCE = 1.0 V
VCE = 10 V
1.0
0.8
0.6
0.4
0.2
0
0.005
0.01
0.02 0.03
0.05
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
IB, BASE CURRENT (mA)
Figure 2. Collector Saturation Region
TJ = 25°C
IC = 1.0 mA
10 mA
150 mA
500 mA
Figure 3. Turn −On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
50
10
20
70
5.0
100
5.0 7.0
30
50
200
10
30
7.0
20
IC/IB = 10
TJ = 25°C
tr @ VCC = 30 V
td @ VEB(off) = 2.0 V
td @ VEB(off) = 0
3.0
2.0
300
500
500
5.0
7.0
10
20
30
50
70
100
200
300
Figure 4. Turn −Off Time
IC, COLLECTOR CURRENT (mA)
10
20
70
100
5.0 7.0
30
50
200 300
500
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
t′s = ts − 1/8 tf
tf
www.mccsemi.com
2 of 4


Similar Part No. - MMBT2222A-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT2222A-13-F DIODES-MMBT2222A-13-F Datasheet
244Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
MMBT2222A-3 KEXIN-MMBT2222A-3_15 Datasheet
915Kb / 2P
   NPN T r ansistors
logo
Diodes Incorporated
MMBT2222A-7 DIODES-MMBT2222A-7 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30041 Rev. 5 - 2
MMBT2222A-7-F DIODES-MMBT2222A-7-F Datasheet
207Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30041 Rev. 11 - 2
MMBT2222A-7-F DIODES-MMBT2222A-7-F Datasheet
140Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30041 Rev. 12 - 2
More results

Similar Description - MMBT2222A-TP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com